Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM1086-ADJMDC Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM1086-ADJMDC
Description  1.5-A Low Dropout Positive Voltage Regulator
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086-ADJMDC Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM1086-ADJMDC Datasheet HTML 2Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 3Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 4Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 5Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 6Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 7Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 8Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 9Page - Texas Instruments LM1086-ADJMDC Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
LM1086-MIL
SNVSAX4 – JUNE 2017
www.ti.com
Product Folder Links: LM1086-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics (continued)
Typicals and limits appearing in normal type apply for TJ = 25°C unless specified otherwise.
PARAMETER
TEST CONDITIONS
TJ = 25°C
TJ over the entire range for
operation (see Recommended
Operating Conditions)
UNIT
MIN
TYP
MAX
MIN(1)
TYP(2)
MAX (1)
(5)
Dropout voltage is specified over the full output current range of the device.
(6)
The minimum output current required to maintain regulation.
ΔVOUT
Load
regulation(4)
LM1086-MIL-ADJ, (VIN-V OUT ) =
3 V, 10 mA
≤ IOUT ≤ IFULL LOAD
0.1%
0.3%
0.2%
0.4%
LM1086-MIL-1.8, 2.5, VIN = 5 V, 0
≤ IOUT ≤ IFULL LOAD
3
12
6
20
mV
LM1086-MIL-3.3, VIN = 5 V, 0 ≤
IOUT ≤ IFULL LOAD
3
15
7
25
mV
LM1086-MIL-5, VIN = 8 V, 0 ≤
IOUT ≤ IFULL LOAD
5
20
10
35
mV
Dropout
voltage(5)
LM1086-MIL-ADJ, 1.8, 2.5, 3.3, 5,
ΔVREF, ΔVOUT = 1%, IOUT = 1.5 A
1.3
1.5
V
ILIMIT
Current limit
LM1086-MIL-ADJ, VIN − VOUT = 5
V, VIN − VOUT = 25 V
1.5
2.7
A
0.05
0.15
LM1086-MIL-1.8,2.5, 3.3, VIN = 8
V
1.5
2.7
A
LM1086-MIL-5, VIN = 10 V
1.5
2.7
A
Minimum load
current(6)
LM1086-MIL-ADJ, VIN −VOUT =
25 V
5
10
mA
Quiescent
current
LM1086-MIL-1.8, 2.5, VIN ≤ 18 V
5
10
mA
LM1086-MIL-3.3, VIN ≤ 18 V
5
10
mA
LM1086-MIL-5, VIN ≤ 20 V
5
10
mA
Thermal
regulation
TA = 25°C, 30-ms pulse
0.008
0.04
%/W
Ripple rejection
fRIPPLE = 120 Hz, COUT = 25 µF
Tantalum, IOUT = 1.5 A
60
75
dB
LM1086-MIL-ADJ, CADJ = 25 µF,
(VIN− VO) = 3 V
LM1086-MIL-1.8, 2.5, VIN = 6 V
60
72
dB
LM1086-MIL-3.3, VIN= 6.3 V
60
72
dB
LM1086-MIL-5 VIN = 8 V
60
68
dB
Adjust pin
current
LM1086-MIL
55
120
µA
Adjust pin
current change
10 mA
≤ IOUT ≤ IFULL LOAD, 1.5 V
≤ (VIN − VOUT) ≤ 15 V
0.2
5
µA
Temperature
stability
0.5%
Long-term
stability
TA = 125°C, 1000 Hrs
0.3%
1%
RMS Noise
(% of VOUT)
10 Hz
≤ f≤ 10 kHz
0.003%


Similar Part No. - LM1086-ADJMDC

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1086-ADJMDC TI1-LM1086-ADJMDC Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
More results

Similar Description - LM1086-ADJMDC

ManufacturerPart #DatasheetDescription
logo
Seme LAB
LT1086220M05 SEME-LAB-LT1086220M05 Datasheet
27Kb / 3P
   LOW DROPOUT 1.5 AMP POSITIVE VOLTAGE REGULATOR
logo
GTM CORPORATION
GJ2138 GTM-GJ2138 Datasheet
420Kb / 5P
   1.5 A LOW DROPOUT VOLTAGE REGULATOR
logo
TAITRON Components Inco...
LD1117A12 TAITRON-LD1117A12 Datasheet
438Kb / 21P
   1 A Low Dropout Positive Voltage Regulator
Rev. A/LX
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
[Old version datasheet]   1.5-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND5203 LINEAR_DIMENSIONS-LND5203 Datasheet
194Kb / 7P
   3 A Low Dropout Positive Voltage Regulator
LND5201 LINEAR_DIMENSIONS-LND5201 Datasheet
203Kb / 7P
   1 A Low Dropout Positive Voltage Regulator
logo
ams AG
AS1360 AMSCO-AS1360 Datasheet
75Kb / 2P
   1.5關A Low-Power, Positive Voltage Regulator
logo
Anaren Microwave
MSK5970RH ANAREN-MSK5970RH Datasheet
422Kb / 8P
   RAD HARD POSITIVE, 1.5 AMP, LOW DROPOUT ADJ VOLTAGE REGULATOR
logo
TelCom Semiconductor, I...
TC55 TELCOM-TC55 Datasheet
50Kb / 3P
   LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com