Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM338-MIL Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM338-MIL
Description  5-Amp Adjustable Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM338-MIL Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM338-MIL Datasheet HTML 6Page - Texas Instruments LM338-MIL Datasheet HTML 7Page - Texas Instruments LM338-MIL Datasheet HTML 8Page - Texas Instruments LM338-MIL Datasheet HTML 9Page - Texas Instruments LM338-MIL Datasheet HTML 10Page - Texas Instruments LM338-MIL Datasheet HTML 11Page - Texas Instruments LM338-MIL Datasheet HTML 12Page - Texas Instruments LM338-MIL Datasheet HTML 13Page - Texas Instruments LM338-MIL Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
LM338-MIL
SNVSAX2 – JUNE 2017
www.ti.com
Product Folder Links: LM338-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Normal Operation
The device OUTPUT pin sources current necessary to make OUTPUT pin 1.25 V greater than ADJUST terminal
to provide output regulation.
7.4.2 Operation With Low Input Voltage
The device requires up to 3-V headroom (VI – VO) to operate in regulation. With less headroom, the device may
drop out and OUTPUT voltage is INPUT voltage minus drop out voltage.
7.4.3 Operation at Light Loads
The device passes its bias current to the OUTPUT pin. The load or feedback must consume this minimum
current for regulation or the output may be too high. A 250-Ω feedback resistor between OUTPUT and ADJUST
consumes the worst case minimum load current of 5 mA.
7.4.4 Operation in Self Protection
When an overload occurs, the device shuts down Darlington NPN output stage or reduces the output current to
prevent device damage. The device automatically resets from the overload. The output may be reduced or
alternate between on and off until the overload is removed.


Similar Part No. - LM338-MIL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM338 STMICROELECTRONICS-LM338 Datasheet
186Kb / 12P
   THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
logo
Seme LAB
LM338 SEME-LAB-LM338 Datasheet
56Kb / 6P
   5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM338 LINER-LM338 Datasheet
185Kb / 12P
   5A Positive Adjustable Voltage Regulator
LM338 LINER-LM338 Datasheet
148Kb / 12P
   5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM338 STMICROELECTRONICS-LM338 Datasheet
1Mb / 23P
   Three-terminal 5 A adjustable voltage regulators
More results

Similar Description - LM338-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
LM138K-MIL TI-LM138K-MIL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM138KSTEEL TI1-LM138KSTEEL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com