Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM338-MIL Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # LM338-MIL
Description  5-Amp Adjustable Regulators
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM338-MIL Datasheet(HTML) 4 Page - Texas Instruments

  LM338-MIL Datasheet HTML 1Page - Texas Instruments LM338-MIL Datasheet HTML 2Page - Texas Instruments LM338-MIL Datasheet HTML 3Page - Texas Instruments LM338-MIL Datasheet HTML 4Page - Texas Instruments LM338-MIL Datasheet HTML 5Page - Texas Instruments LM338-MIL Datasheet HTML 6Page - Texas Instruments LM338-MIL Datasheet HTML 7Page - Texas Instruments LM338-MIL Datasheet HTML 8Page - Texas Instruments LM338-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
4
LM338-MIL
SNVSAX2 – JUNE 2017
www.ti.com
Product Folder Links: LM338-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Thermal Information (continued)
THERMAL METRIC(1)
LM338
UNIT
NDE (TO-220)
NDS (TO-CAN)
3 PINS
2 PINS
RθJC(top)
Junction-to-case (top) thermal resistance
15.7
1
°C/W
RθJB
Junction-to-board thermal resistance
4.1
°C/W
ψJT
Junction-to-top characterization parameter
2.1
°C/W
ψJB
Junction-to-board characterization parameter
4.1
°C/W
RθJC(bot)
Junction-to-case (bottom) thermal resistance
0.7
°C/W


Similar Part No. - LM338-MIL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM338 STMICROELECTRONICS-LM338 Datasheet
186Kb / 12P
   THREE-TERMINAL 5 A ADJUSTABLE VOLTAGE REGULATORS
logo
Seme LAB
LM338 SEME-LAB-LM338 Datasheet
56Kb / 6P
   5 AMP POSITIVE ADJUSTABLE VOLTAGE REGULATOR
logo
Linear Technology
LM338 LINER-LM338 Datasheet
185Kb / 12P
   5A Positive Adjustable Voltage Regulator
LM338 LINER-LM338 Datasheet
148Kb / 12P
   5A Positive Adjustable Voltage Regulator
logo
STMicroelectronics
LM338 STMICROELECTRONICS-LM338 Datasheet
1Mb / 23P
   Three-terminal 5 A adjustable voltage regulators
More results

Similar Description - LM338-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM138 TI1-LM138_16 Datasheet
2Mb / 23P
[Old version datasheet]   5-Amp Adjustable Regulators
logo
National Semiconductor ...
LM138 NSC-LM138 Datasheet
396Kb / 16P
   5-Amp Adjustable Regulators
logo
Texas Instruments
LM138 TI1-LM138 Datasheet
883Kb / 20P
[Old version datasheet]   5-Amp Adjustable Regulators
LM138K-MIL TI-LM138K-MIL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM138KSTEEL TI1-LM138KSTEEL Datasheet
2Mb / 23P
[Old version datasheet]   LM138/LM338 5-Amp Adjustable Regulators
LM150 TI1-LM150_16 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
logo
National Semiconductor ...
LM150 NSC-LM150 Datasheet
408Kb / 14P
   3-Amp Adjustable Regulators
logo
Texas Instruments
LM150QML TI1-LM150QML_16 Datasheet
805Kb / 19P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150 TI1-LM150_17 Datasheet
2Mb / 21P
[Old version datasheet]   3-Amp Adjustable Regulators
LM150QML TI1-LM150QML Datasheet
722Kb / 22P
[Old version datasheet]   LM150QML 3-Amp Adjustable Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com