Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM337-N-MIL Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM337-N-MIL
Description  3-Terminal Adjustable Negative Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337-N-MIL Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM337-N-MIL Datasheet HTML 5Page - Texas Instruments LM337-N-MIL Datasheet HTML 6Page - Texas Instruments LM337-N-MIL Datasheet HTML 7Page - Texas Instruments LM337-N-MIL Datasheet HTML 8Page - Texas Instruments LM337-N-MIL Datasheet HTML 9Page - Texas Instruments LM337-N-MIL Datasheet HTML 10Page - Texas Instruments LM337-N-MIL Datasheet HTML 11Page - Texas Instruments LM337-N-MIL Datasheet HTML 12Page - Texas Instruments LM337-N-MIL Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
9
LM337-N-MIL
www.ti.com
SNVSAX3 – JUNE 2017
Product Folder Links: LM337-N-MIL
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
7.4 Device Functional Modes
7.4.1 Protection Diodes
When external capacitors are used with any IC regulator, it is sometimes necessary to add protection diodes to
prevent the capacitors from discharging through low current points into the regulator. Most 10-μF capacitors have
low enough internal series resistance to deliver 20-A spikes when shorted. Although the surge is short, there is
enough energy to damage parts of the IC.
When an output capacitor is connected to a negative output regulator and the input is shorted, the output
capacitor pulls current out of the output of the regulator. The current depends on the value of the capacitor, the
output voltage of the regulator, and the rate at which VIN is shorted to ground.
The bypass capacitor on the adjustment terminal can discharge through a low current junction. Discharge occurs
when either the input, or the output, is shorted. Figure 13 shows the placement of the protection diodes.
*When CL is larger than 20 μF, D1 protects the LM1337-N-MIL in case the input supply is shorted
**When C2 is larger than 10 μF and −VOUT is larger than −25V, D2 protects the LM1337-N-MIL in case the output is
shorted
Figure 13. Regulator With Protection Diodes


Similar Part No. - LM337-N-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM337-N TI1-LM337-N Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
More results

Similar Description - LM337-N-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
   3-Terminal Adjustable Negative Regulators
logo
Texas Instruments
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137 TI1-LM137_16 Datasheet
2Mb / 28P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
[Old version datasheet]   3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
[Old version datasheet]   LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
[Old version datasheet]   LM137QML 3-Terminal Adjustable Negative Regulators
logo
National Semiconductor ...
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
   3-Terminal Adjustable Negative Regulators (High Voltage)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com