Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM317HV-MIL Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM317HV-MIL
Description  High Voltage Three-Terminal Adjustable Regulator With Overload Protection
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM317HV-MIL Datasheet(HTML) 1 Page - Texas Instruments

  LM317HV-MIL Datasheet HTML 1Page - Texas Instruments LM317HV-MIL Datasheet HTML 2Page - Texas Instruments LM317HV-MIL Datasheet HTML 3Page - Texas Instruments LM317HV-MIL Datasheet HTML 4Page - Texas Instruments LM317HV-MIL Datasheet HTML 5Page - Texas Instruments LM317HV-MIL Datasheet HTML 6Page - Texas Instruments LM317HV-MIL Datasheet HTML 7Page - Texas Instruments LM317HV-MIL Datasheet HTML 8Page - Texas Instruments LM317HV-MIL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
( )
OUT
ADJ
R
V
= 1.25 V
I
R
R
2
2
1
1
æ
ö
+
+
ç
÷
è
ø
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM317HV-MIL
SNVSAY1 – JUNE 2017
LM317HV-MIL High Voltage Three-Terminal Adjustable Regulator With Overload
Protection
1
1 Features
1
Up to 60 V Input to Output Differential
1.5-A Output Current
Line Regulation 0.01%/V (Typical)
Load Regulation 0.1% (Typical)
80-dB Ripple Rejection (Typical)
Internal Short-Circuit Current Limiting Protection
Thermal Overload Protection
0 to 125°C Operating Temperature Range
2 Applications
Industrial Power Supplies
PLC Systems
Factory Automation Systems
Building Automation Systems
Battery Charger
1.2-V to 50-V Adjustable Regulator With High
Voltage Input
*Needed if device is more than 6 inches from filter
capacitors. .
†Optional—improves transient response
††
3 Description
The
LM317HV-MIL
is
an
adjustable
3-terminal
positive voltage regulator capable of supplying 1.5 A
or more currents over a 1.25-V to 57-V output voltage
range. It requires only two external resistors to set the
output voltage. The LM317HV-MIL is packaged in
standard transistor packages that are easily mounted
and handled.
The LM317HV-MIL offers overload protection like
current limit, thermal overload protection and safe
area protection, which make the device blowout
proof. The overload protection circuitry remains fully
functional
even
if
the
adjustment
terminal
is
disconnected.
Typically, no capacitors are needed unless the device
is situated more than 6 inches from the input filter
capacitors, in which case an input bypass is needed.
An optional output capacitor can be added to improve
transient response. The adjustment terminal can be
bypassed to achieve very high ripple rejection ratios
which are difficult to achieve with standard 3-terminal
regulators.
Since the regulator is floating and sees only the input-
to-output differential voltage, supplies of several
hundred volts can be regulated as long as the
maximum input to output differential is not exceeded,
or in other words, do not short the output to ground.
By
connecting
a
fixed
resistor
between
the
adjustment and output, the LM317HV-MIL can also
be used as a precision current regulator. Supplies
with
electronic
shutdown
can
be
achieved
by
clamping the adjustment terminal to ground, which
programs the output to 1.25 V where most loads draw
little current.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM317HV-MIL
TO-39 (3)
8.255 mm × 8.255 mm
TO-3 (2)
19.507 mm × 19.507 mm
TO-220 (3)
14.986 mm × 10.16 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.


Similar Part No. - LM317HV-MIL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM317HV NSC-LM317HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
LM317HVH NSC-LM317HVH Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317HVH TI1-LM317HVH Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
LM317HVH/NOPB TI1-LM317HVH/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
LM317HVK NSC-LM317HVK Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
More results

Similar Description - LM317HV-MIL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM317HV TI-LM317HV_15 Datasheet
2Mb / 28P
[Old version datasheet]   LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM117HV TI-LM117HV_15 Datasheet
2Mb / 28P
[Old version datasheet]   LMx17HV High Voltage Three-Terminal Adjustable Regulator With Overload Protection
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Shenzhen Huazhimei Semi...
HM317L HMSEMI-HM317L Datasheet
484Kb / 4P
   Three-terminal adjustable output positive voltage regulator
logo
Micro Electronics
SG117A MICRO-ELECTRONICS-SG117A Datasheet
263Kb / 8P
   1.5 AMP THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com