Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4012BF3A Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # CD4012BF3A
Description  CMOS NAND GATES
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CD4012BF3A Datasheet(HTML) 7 Page - Texas Instruments

Back Button CD4012BF3A Datasheet HTML 3Page - Texas Instruments CD4012BF3A Datasheet HTML 4Page - Texas Instruments CD4012BF3A Datasheet HTML 5Page - Texas Instruments CD4012BF3A Datasheet HTML 6Page - Texas Instruments CD4012BF3A Datasheet HTML 7Page - Texas Instruments CD4012BF3A Datasheet HTML 8Page - Texas Instruments CD4012BF3A Datasheet HTML 9Page - Texas Instruments CD4012BF3A Datasheet HTML 10Page - Texas Instruments CD4012BF3A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
17-Mar-2017
Addendum-Page 3
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
CD4023BMT
ACTIVE
SOIC
D
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4023BM
CD4023BMTE4
ACTIVE
SOIC
D
14
250
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4023BM
CD4023BNSR
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4023B
CD4023BNSRG4
ACTIVE
SO
NS
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CD4023B
CD4023BPW
ACTIVE
TSSOP
PW
14
90
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM023B
CD4023BPWR
ACTIVE
TSSOP
PW
14
2000
Green (RoHS
& no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
-55 to 125
CM023B
JM38510/05051BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05051BCA
JM38510/05052BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05052BCA
JM38510/05053BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05053BCA
M38510/05051BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05051BCA
M38510/05052BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05052BCA
M38510/05053BCA
ACTIVE
CDIP
J
14
1
TBD
A42
N / A for Pkg Type
-55 to 125
JM38510/
05053BCA
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability
information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements for all 6 substances, including the requirement that
lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.


Similar Part No. - CD4012BF3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4012BF3A TI-CD4012BF3A Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
CD4012BF3A TI-CD4012BF3A Datasheet
523Kb / 12P
[Old version datasheet]   The CD4011B, CD4012B, and CD4023B types are supplied in 14-lead hermetic dual-in-line ceramic packages
CD4012BF3A TI1-CD4012BF3A Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
CD4012BF3AS2534 TI1-CD4012BF3AS2534 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
More results

Similar Description - CD4012BF3A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4011B TI-CD4011B Datasheet
525Kb / 13P
[Old version datasheet]   CMOS NAND GATES
logo
Intersil Corporation
CD4011BMS INTERSIL-CD4011BMS Datasheet
109Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4012A TI-CD4012A Datasheet
200Kb / 4P
[Old version datasheet]   CMOS NAND Gates
CD4011B TI1-CD4011B_15 Datasheet
1Mb / 19P
[Old version datasheet]   CMOS NAND GATES
logo
Renesas Technology Corp
CD4011BMS RENESAS-CD4011BMS Datasheet
369Kb / 9P
   CMOS NAND Gates
November 1994
logo
Texas Instruments
CD4011AD3 TI1-CD4011AD3 Datasheet
371Kb / 7P
[Old version datasheet]   CMOS NAND GATES
logo
Microsemi Corporation
TSC321 MICROSEMI-TSC321 Datasheet
1Mb / 3P
   NAND Gates
TSC325 MICROSEMI-TSC325 Datasheet
853Kb / 3P
   NAND Gates
logo
Micro Electronics
MMC4011 MICRO-ELECTRONICS-MMC4011 Datasheet
106Kb / 4P
   NAND GATES
logo
STMicroelectronics
HCC4011B STMICROELECTRONICS-HCC4011B Datasheet
287Kb / 12P
   NAND GATES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com