Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM101A-N Datasheet(PDF) 2 Page - Texas Instruments

Part # LM101A-N
Description  Operational Amplifiers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM101A-N Datasheet(HTML) 2 Page - Texas Instruments

  LM101A-N_15 Datasheet HTML 1Page - Texas Instruments LM101A-N_15 Datasheet HTML 2Page - Texas Instruments LM101A-N_15 Datasheet HTML 3Page - Texas Instruments LM101A-N_15 Datasheet HTML 4Page - Texas Instruments LM101A-N_15 Datasheet HTML 5Page - Texas Instruments LM101A-N_15 Datasheet HTML 6Page - Texas Instruments LM101A-N_15 Datasheet HTML 7Page - Texas Instruments LM101A-N_15 Datasheet HTML 8Page - Texas Instruments LM101A-N_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM101A-N, LM201A-N, LM301A-N
SNOSBS0D – SEPTEMBER 1999 – REVISED MARCH 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
LM101A/LM201A
LM301A
Supply Voltage
±22V
±18V
Differential Input Voltage
±30V
±30V
Input Voltage(3)
±15V
±15V
Output Short Circuit Duration(4)
Continuous
Continuous
Operating Ambient Temp. Range
−55°C to +125°C (LM101A)
0°C to +70°C
−25°C to +85°C (LM201A)
TJ Max
LMC0008C Package
150°C
100°C
P0008E Package
150°C
100°C
NAB0008A, J0014A Package
150°C
100°C
Power Dissipation at TA = 25°C
LMC0008C-Package (Still Air)
500 mW
300 mW
(400 LF/Min Air Flow)
1200 mW
700 mW
P0008E Package
900 mW
500 mW
NAB0008A, J0014A Package
1000 mW
650 mW
Thermal Resistance (Typical)
θjA
LMC0008C Package (Still Air)
165°C/W
165°C/W
(400 LF/Min Air Flow)
67°C/W
67°C/W
P0008E Package
135°C/W
135°C/W
NAB0008A, J0014A Package
110°C/W
110°CmW
(Typical)
θjC
LMC0008C Package
25°C/W
25°C/W
Storage Temperature Range
−65°C to +150°C
−65°C to +150°C
Lead Temperature (Soldering, 10 sec.)
LMC0008C or NAB0008A, J0014A, NAD0010A
300°C
300°C
P0008E
260°C
260°C
ESD Tolerance(5)
2000V
2000V
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating ratings indicate for which the
device is functional, but do no ensure specific performance limits. Electrical Characteristics state DC and AC electrical specifications
under particular test conditions which ensure specific limits. This assumes that the device is within the Operating Ratings. Specifications
are not ensured for parameters where no limit is given, however, the typical value is a good indication of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
(3)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(4)
Continuous short circuit is allowed for case temperatures to 125°C and ambient temperatures to 75°C for LM101A/LM201A, and 70°C
and 55°C respectively for LM301A.
(5)
Human body model, 100 pF discharged through 1.5 k
Ω.
2
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM101A-N LM201A-N LM301A-N


Similar Part No. - LM101A-N_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM101A-N TI1-LM101A-N_13 Datasheet
1Mb / 24P
[Old version datasheet]   Operational Amplifiers
More results

Similar Description - LM101A-N_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LM308A LINER-LM308A_15 Datasheet
459Kb / 8P
   OPERATIONAL AMPLIFIERS
logo
Analog Devices
AD8529 AD-AD8529_15 Datasheet
400Kb / 16P
   Operational Amplifiers
REV. D
logo
Texas Instruments
LM112 TI1-LM112_11 Datasheet
450Kb / 8P
[Old version datasheet]   Operational Amplifiers
LM107 TI1-LM107_11 Datasheet
444Kb / 12P
[Old version datasheet]   Operational Amplifiers
logo
National Semiconductor ...
LM101A NSC-LM101A_00 Datasheet
608Kb / 20P
   Operational Amplifiers
logo
Maxwell Technologies
OP284 MAXWELL-OP284 Datasheet
861Kb / 16P
   Operational Amplifiers
logo
National Semiconductor ...
LM108 NSC-LM108 Datasheet
289Kb / 10P
   Operational Amplifiers
logo
Motorola, Inc
LM301A MOTOROLA-LM301A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
National Semiconductor ...
LM107 NSC-LM107 Datasheet
194Kb / 10P
   Operational Amplifiers
logo
SG Micro Corp
SGM8535 SGMICRO-SGM8535 Datasheet
379Kb / 16P
   Operational Amplifiers
logo
Texas Instruments
LM118-N TI1-LM118-N_15 Datasheet
1Mb / 25P
[Old version datasheet]   Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com