Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1211D Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1211D
Description  Isolated 24-V Digital Input Receivers for Digital Input Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1211D Datasheet(HTML) 7 Page - Texas Instruments

Back Button ISO1211D Datasheet HTML 3Page - Texas Instruments ISO1211D Datasheet HTML 4Page - Texas Instruments ISO1211D Datasheet HTML 5Page - Texas Instruments ISO1211D Datasheet HTML 6Page - Texas Instruments ISO1211D Datasheet HTML 7Page - Texas Instruments ISO1211D Datasheet HTML 8Page - Texas Instruments ISO1211D Datasheet HTML 9Page - Texas Instruments ISO1211D Datasheet HTML 10Page - Texas Instruments ISO1211D Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
7
ISO1211, ISO1212
www.ti.com
SLLSEY7 – JUNE 2017
Product Folder Links: ISO1211 ISO1212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
(1)
Creepage and clearance requirements should be applied according to the specific equipment isolation standards of an application. Care
should be taken to maintain the creepage and clearance distance of a board design to ensure that the mounting pads of the isolator on
the printed-circuit board do not reduce this distance. Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to help increase these specifications.
(2)
This coupler is suitable for basic electrical insulation only within the maximum operating ratings. Compliance with the safety ratings shall
be ensured by means of suitable protective circuits.
(3)
Testing is carried out in air or oil to determine the intrinsic surge immunity of the isolation barrier.
(4)
Apparent charge is electrical discharge caused by a partial discharge (pd).
(5)
All pins on each side of the barrier tied together creating a two-terminal device
6.6 Insulation Specifications
PARAMETER
TEST CONDITIONS
SPECIFICATION
UNIT
D-8
DBQ-16
CLR
External clearance(1)
Shortest terminal-to-terminal distance through air
4
3.7
mm
CPG
External Creepage(1)
Shortest terminal-to-terminal distance across the
package surface
4
3.7
µm
DTI
Distance through the insulation
Minimum internal gap (internal clearance)
10.5
10.5
µm
CTI
Comparative tracking index
DIN EN 60112 (VDE 0303-11); IEC 60112
> 600
> 600
V
Material Group
According to IEC 60664-1
I
I
Overvoltage category
Rated mains voltage
≤ 150 VRMS
I-IV
I-IV
Rated mains voltage
≤ 300 VRMS
I-III
I-III
DIN V VDE 0884-10 (VDE V 0884-10): 2016-12(2)
VIORM
Maximum repetitive peak isolation
voltage
AC voltage (bipolar)
566
566
VPK
VIOWM
Maximum isolation working voltage
AC voltage (sine wave); time-dependent dielectric
breakdown (TDDB) test
400
400
VRMS
DC voltage
566
566
VDC
VIOTM
Maximum transient isolation voltage
VTEST = VIOTM, t = 60 s (qualification), t= 1 s
(100% production)
3600
3600
VPK
VIOSM
Maximum surge isolation voltage(3)
Test method per IEC 60065, 1.2/50 µs waveform,
VTEST = 1.3 × VIOTM = 5200 VPK (qualification)
4000
4000
VPK
qpd
Apparent charge(4)
Method a: After I/O safety test subgroup 2/3, Vini =
VIOTM, tini = 60 s; Vpd(m) = 1.2 × VIORM = 680 VPK,
tm = 10 s
< 5
< 5
pC
Method a: After environmental tests subgroup 1,
Vini = VIOTM, tini = 60 s; Vpd(m) = 1.6 × VIORM = 906
VPK, tm = 10 s
< 5
< 5
Method b1: At routine test (100% production) and
preconditioning (type test), Vini = VIOTM, tini = 1 s;
Vpd(m) = 1.875 × VIORM = 1062 VPK, tm = 10 s
< 5
< 5
CIO
Barrier capacitance, input to output(5)
VIO = 0.4 × sin (2 πft), f = 1 MHz
440
560
fF
RIO
Insulation resistance, input to
output(5)
VIO = 500 V, TA = 25°C
> 1012
> 1012
Ω
VIO = 500 V, 100°C ≤ TA ≤ 125 °C
> 1011
> 1011
VIO = 500 V at TS = 150 °C
> 109
> 109
Pollution degree
2
2
Climatic category
40/125/21
40/125/21
UL 1577
VISO
Withstand isolation voltage
VTEST = VISO = 2500 VRMS, t = 60 s (qualification);
VTEST = 1.2 × VISO = 3000 VRMS, t = 1 s (100%
production)
2500
2500
VRMS


Similar Part No. - ISO1211D

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO121 BURR-BROWN-ISO121 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121 BURR-BROWN-ISO121 Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121BG BURR-BROWN-ISO121BG Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121BG BURR-BROWN-ISO121BG Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121G BURR-BROWN-ISO121G Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO1211D

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
598Kb / 2P
   32-ch Isolated Digital Input/Output Slave Modules
logo
Contec Co., Ltd
PI-32BH CONTEC-PI-32BH Datasheet
162Kb / 4P
   Isolated Digital Input Board for PCI
logo
Opto Electronics Co,. L...
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
   SNAP Digital Input Modules
logo
National Instruments Co...
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
   Digital Input Modules for Compact FieldPoint
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY_14 Datasheet
240Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
AMAX-2750SY ADVANTECH-AMAX-2750SY Datasheet
327Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
19-Mar-2014
PCLD-782 ADVANTECH-PCLD-782_V01 Datasheet
395Kb / 1P
   16/24-ch Opto-Isolated Digital Input Board
19-Mar-2014
logo
Texas Instruments
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
[Old version datasheet]   24 V, Eight-Channel Digital-Input Serializer
logo
Contec Co., Ltd
DI-32L-PE CONTEC-DI-32L-PE Datasheet
302Kb / 3P
   Isolated Digital Input board for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com