Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO1212 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO1212
Description  Isolated 24-V Digital Input Receivers for Digital Input Modules
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO1212 Datasheet(HTML) 2 Page - Texas Instruments

  ISO1212 Datasheet HTML 1Page - Texas Instruments ISO1212 Datasheet HTML 2Page - Texas Instruments ISO1212 Datasheet HTML 3Page - Texas Instruments ISO1212 Datasheet HTML 4Page - Texas Instruments ISO1212 Datasheet HTML 5Page - Texas Instruments ISO1212 Datasheet HTML 6Page - Texas Instruments ISO1212 Datasheet HTML 7Page - Texas Instruments ISO1212 Datasheet HTML 8Page - Texas Instruments ISO1212 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
2
ISO1211, ISO1212
SLLSEY7 – JUNE 2017
www.ti.com
Product Folder Links: ISO1211 ISO1212
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Pin Configuration and Functions ......................... 3
6
Specifications......................................................... 5
6.1
Absolute Maximum Ratings ...................................... 5
6.2
ESD Ratings ............................................................ 5
6.3
Recommended Operating Conditions ....................... 5
6.4
Thermal Information .................................................. 6
6.5
Power Ratings........................................................... 6
6.6
Insulation Specifications............................................ 7
6.7
Safety-Related Certifications..................................... 8
6.8
Safety Limiting Values .............................................. 9
6.9
Electrical Characteristics—DC Specification........... 10
6.10
Switching Characteristics—AC Specification ........ 11
6.11
Insulation Characteristics Curves ......................... 12
6.12
Typical Characteristics .......................................... 13
7
Detailed Description ............................................ 14
7.1
Overview ................................................................. 14
7.2
Functional Block Diagram ....................................... 14
7.3
Feature Description................................................. 14
7.4
Device Functional Modes........................................ 15
8
Application and Implementation ........................ 16
8.1
Application Information............................................ 16
8.2
Typical Application .................................................. 16
9
Power Supply Recommendations ...................... 21
10
Layout................................................................... 22
10.1
Layout Guidelines ................................................. 22
10.2
Layout Example .................................................... 22
11
Device and Documentation Support ................. 23
11.1
Documentation Support ........................................ 23
11.2
Related Links ........................................................ 23
11.3
Receiving Notification of Documentation Updates 23
11.4
Community Resource............................................ 23
11.5
Trademarks ........................................................... 23
11.6
Electrostatic Discharge Caution ............................ 23
11.7
Glossary ................................................................ 23
12
Mechanical, Packaging, and Orderable
Information ........................................................... 23
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
DATE
REVISION
NOTES
June 2017
*
Initial release.


Similar Part No. - ISO1212

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO121 BURR-BROWN-ISO121 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121 BURR-BROWN-ISO121 Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121BG BURR-BROWN-ISO121BG Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121BG BURR-BROWN-ISO121BG Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO121G BURR-BROWN-ISO121G Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
More results

Similar Description - ISO1212

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY Datasheet
598Kb / 2P
   32-ch Isolated Digital Input/Output Slave Modules
logo
Contec Co., Ltd
PI-32BH CONTEC-PI-32BH Datasheet
162Kb / 4P
   Isolated Digital Input Board for PCI
logo
Opto Electronics Co,. L...
ID-22-50 E-OEC-ID-22-50 Datasheet
119Kb / 4P
   SNAP Digital Input Modules
logo
National Instruments Co...
CFP-DI-300 NI-CFP-DI-300 Datasheet
339Kb / 5P
   Digital Input Modules for Compact FieldPoint
logo
Advantech Co., Ltd.
AMAX-2752SY ADVANTECH-AMAX-2752SY_14 Datasheet
240Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
AMAX-2750SY ADVANTECH-AMAX-2750SY Datasheet
327Kb / 1P
   32-ch Isolated Digital Input/Output Slave Modules
19-Mar-2014
PCLD-782 ADVANTECH-PCLD-782_V01 Datasheet
395Kb / 1P
   16/24-ch Opto-Isolated Digital Input Board
19-Mar-2014
logo
Texas Instruments
SN65HVS880 TI-SN65HVS880 Datasheet
853Kb / 24P
[Old version datasheet]   24 V, EIGHT-CHANNEL DIGITAL-INPUT SERIALIZER
SN65HVS883 TI1-SN65HVS883 Datasheet
596Kb / 28P
[Old version datasheet]   24 V, Eight-Channel Digital-Input Serializer
logo
Contec Co., Ltd
DI-32L-PE CONTEC-DI-32L-PE Datasheet
302Kb / 3P
   Isolated Digital Input board for PCI Express
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com