Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FPC402RHUR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # FPC402RHUR
Description  Quad Port Controller
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

FPC402RHUR Datasheet(HTML) 5 Page - Texas Instruments

  FPC402RHUR Datasheet HTML 1Page - Texas Instruments FPC402RHUR Datasheet HTML 2Page - Texas Instruments FPC402RHUR Datasheet HTML 3Page - Texas Instruments FPC402RHUR Datasheet HTML 4Page - Texas Instruments FPC402RHUR Datasheet HTML 5Page - Texas Instruments FPC402RHUR Datasheet HTML 6Page - Texas Instruments FPC402RHUR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
PACKAGE OPTION ADDENDUM
www.ti.com
11-Jul-2017
Addendum-Page 1
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package Type Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
(6)
MSL Peak Temp
(3)
Op Temp (°C)
Device Marking
(4/5)
Samples
FPC402RHUR
PREVIEW
WQFN
RHU
56
1000
TBD
Call TI
Call TI
-40 to 85
FPC402RHUT
PREVIEW
WQFN
RHU
56
250
TBD
Call TI
Call TI
-40 to 85
PFPC402RHUT
ACTIVE
WQFN
RHU
56
250
TBD
Call TI
Call TI
-40 to 85
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) RoHS: TI defines "RoHS" to mean semiconductor products that are compliant with the current EU RoHS requirements for all 10 RoHS substances, including the requirement that RoHS substance
do not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered at high temperatures, "RoHS" products are suitable for use in specified lead-free processes. TI may
reference these types of products as "Pb-Free".
RoHS Exempt: TI defines "RoHS Exempt" to mean products that contain lead but are compliant with EU RoHS pursuant to a specific EU RoHS exemption.
Green: TI defines "Green" to mean the content of Chlorine (Cl) and Bromine (Br) based flame retardants meet JS709B low halogen requirements of <=1000ppm threshold. Antimony trioxide based
flame retardants must also meet the <=1000ppm threshold requirement.
(3) MSL, Peak Temp. - The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder temperature.
(4) There may be additional marking, which relates to the logo, the lot trace code information, or the environmental category on the device.
(5) Multiple Device Markings will be inside parentheses. Only one Device Marking contained in parentheses and separated by a "~" will appear on a device. If a line is indented then it is a continuation
of the previous line and the two combined represent the entire Device Marking for that device.
(6) Lead/Ball Finish - Orderable Devices may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead/Ball Finish values may wrap to two lines if the finish
value exceeds the maximum column width.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is provided. TI bases its knowledge and belief on information
provided by third parties, and makes no representation or warranty as to the accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and
continues to take reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on incoming materials and chemicals.
TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI to Customer on an annual basis.


Similar Part No. - FPC402RHUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPC401 TI1-FPC401 Datasheet
711Kb / 10P
[Old version datasheet]   FPC401 Quad Port Controller
FPC401RHUR TI1-FPC401RHUR Datasheet
711Kb / 10P
[Old version datasheet]   FPC401 Quad Port Controller
FPC401RHUT TI1-FPC401RHUT Datasheet
711Kb / 10P
[Old version datasheet]   FPC401 Quad Port Controller
More results

Similar Description - FPC402RHUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
FPC401 TI1-FPC401 Datasheet
711Kb / 10P
[Old version datasheet]   FPC401 Quad Port Controller
TPS23861 TI1-TPS23861 Datasheet
1Mb / 110P
[Old version datasheet]   Quad Port Power-over-Ethernet PSE Controller
logo
List of Unclassifed Man...
82C862 ETC2-82C862 Datasheet
302Kb / 51P
   FireLink USB Dual Controller Quad Port USB
logo
Broadcom Corporation.
BCM5719 BOARDCOM-BCM5719 Datasheet
678Kb / 2P
   X4 PCI EXPRESS QUAD-PORT GIGABIT ETHERNET CONTROLLER
logo
XFMRS Inc.
XF0476-QCMC XFMRS-XF0476-QCMC Datasheet
46Kb / 1P
   QUAD PORT
XF6006Q5 XFMRS-XF6006Q5_15 Datasheet
95Kb / 1P
   QUAD PORT
logo
Silicon Laboratories
SI3452 SILABS-SI3452 Datasheet
324Kb / 36P
   QUAD HIGH-VOLTAGE PORT CONTROLLER FOR POE AND POE PSES
logo
XFMRS Inc.
XFATM6-C4-4S XFMRS-XFATM6-C4-4S Datasheet
100Kb / 2P
   QUAD PORT COMBO
XFATM9-C4-4M XFMRS-XFATM9-C4-4M Datasheet
69Kb / 2P
   QUAD PORT COMBO
XF6612A-C4-4S XFMRS-XF6612A-C4-4S Datasheet
85Kb / 2P
   QUAD PORT COMBO
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com