Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY29FCT818CTQCT Datasheet(PDF) 1 Page - Texas Instruments

Part # CY29FCT818CTQCT
Description  DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

CY29FCT818CTQCT Datasheet(HTML) 1 Page - Texas Instruments

  CY29FCT818CTQCT Datasheet HTML 1Page - Texas Instruments CY29FCT818CTQCT Datasheet HTML 2Page - Texas Instruments CY29FCT818CTQCT Datasheet HTML 3Page - Texas Instruments CY29FCT818CTQCT Datasheet HTML 4Page - Texas Instruments CY29FCT818CTQCT Datasheet HTML 5Page - Texas Instruments CY29FCT818CTQCT Datasheet HTML 6Page - Texas Instruments CY29FCT818CTQCT Datasheet HTML 7Page - Texas Instruments CY29FCT818CTQCT Datasheet HTML 8Page - Texas Instruments CY29FCT818CTQCT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
CY29FCT818T
DIAGNOSTIC SCAN REGISTER
WITH 3-STATE OUTPUTS
SCCS012B – MAY 1994 – REVISED NOVEMBER 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Function, Pinout, and Drive Compatible
With FCT, F Logic, and AM29818
D Reduced VOH (Typically = 3.3 V) Version of
Equivalent FCT Functions
D Edge-Rate Control Circuitry for
Significantly Improved Noise
Characteristics
D Ioff Supports Partial-Power-Down Mode
Operation
D Matched Rise and Fall Times
D Fully Compatible With TTL Input and
Output Logic Levels
D 8-Bit Pipeline and Shadow Register
D ESD Protection Exceeds JESD 22
– 2000-V Human-Body Model (A114-A)
– 200-V Machine Model (A115-A)
– 1000-V Charged-Device Model (C101)
D CY29FCT818CT
– 64-mA Output Sink Current
– 32-mA Output Source Current
D CY29FCT818ATDMB
– 20-mA Output Sink Current
– 3-mA Output Source Current
D 3-State Outputs
description
The CY29FCT818T contains a high-speed 8-bit general-purpose data pipeline register and a high-speed 8-bit
shadow register. The general-purpose register can be used in an 8-bit-wide data path for a normal system
application. The shadow register is designed for applications such as diagnostics in sequential circuits, where
it is desirable to load known data at a specific location in the circuit and to read the data at that location.
The shadow register can load data from the output of the device, and can be used as a right-shift register with
bit-serial input (SDI) and output (SDO), using DCLK. The data register input is multiplexed to enable loading
from the shadow register or from the data input pins, using PCLK. Data can be loaded simultaneously from the
shadow register to the pipeline register, and from the pipeline register to the shadow register, provided
setup-time and hold-time requirements are satisfied, with respect to the two independent clock inputs.
In a typical application, the general-purpose register in this device replaces an 8-bit data register in the normal
data path of a system. The shadow register is placed in an auxiliary bit-serial loop that is used for diagnostics.
During diagnostic operation, data is shifted serially into the shadow register, then transferred to the
general-purpose register to load a known value into the data path. To read the contents at that point in the data
path, the data is transferred from the data register into the shadow register, then shifted serially in the auxiliary
diagnostic loop to make it accessible to the diagnostics controller. This data then is compared with the expected
value to diagnose faulty operation of the sequential circuit.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
D, P, Q, OR SO PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
OE
DCLK
D0
D1
D2
D3
D4
D5
D6
D7
SDI
GND
VCC
MODE
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
SDO
PCLK
On products compliant to MIL-PRF-38535, all parameters are tested
unless otherwise noted. On all other products, production
processing does not necessarily include testing of all parameters.


Similar Part No. - CY29FCT818CTQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT818CTQCT TI-CY29FCT818CTQCT Datasheet
93Kb / 7P
[Old version datasheet]   Diagnostic Scan Register
CY29FCT818CTQCT TI1-CY29FCT818CTQCT Datasheet
535Kb / 14P
[Old version datasheet]   DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
More results

Similar Description - CY29FCT818CTQCT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CY29FCT818T TI1-CY29FCT818T_15 Datasheet
535Kb / 14P
[Old version datasheet]   DIAGNOSTIC SCAN REGISTER WITH 3-STATE OUTPUTS
CY29FCT818T TI-CY29FCT818T Datasheet
93Kb / 7P
[Old version datasheet]   Diagnostic Scan Register
logo
ON Semiconductor
MC74AC646 ONSEMI-MC74AC646_15 Datasheet
97Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
MC74AC652 ONSEMI-MC74AC652_15 Datasheet
94Kb / 10P
   Octal Transceiver/Register with 3-State Outputs
March, 2015 ??Rev. 7
logo
Fairchild Semiconductor
74AC646 FAIRCHILD-74AC646 Datasheet
72Kb / 10P
   Octal Transceiver/Register with 3-STATE Outputs
74F646 FAIRCHILD-74F646 Datasheet
78Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
74AC646 FAIRCHILD-74AC646_00 Datasheet
82Kb / 9P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
CY74FCT2574T TI1-CY74FCT2574T Datasheet
653Kb / 15P
[Old version datasheet]   8-BIT REGISTER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74AC648 FAIRCHILD-74AC648 Datasheet
73Kb / 7P
   Octal Transceiver/Register with 3-STATE Outputs
logo
Texas Instruments
CY29FCT520T TI1-CY29FCT520T_17 Datasheet
210Kb / 12P
[Old version datasheet]   MULTILEVEL PIPELINE REGISTER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com