Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0701R1 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # HCPL-0701R1
Description  LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

HCPL-0701R1 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button HCPL-0701R1 Datasheet HTML 4Page - Fairchild Semiconductor HCPL-0701R1 Datasheet HTML 5Page - Fairchild Semiconductor HCPL-0701R1 Datasheet HTML 6Page - Fairchild Semiconductor HCPL-0701R1 Datasheet HTML 7Page - Fairchild Semiconductor HCPL-0701R1 Datasheet HTML 8Page - Fairchild Semiconductor HCPL-0701R1 Datasheet HTML 9Page - Fairchild Semiconductor HCPL-0701R1 Datasheet HTML 10Page - Fairchild Semiconductor HCPL-0701R1 Datasheet HTML 11Page - Fairchild Semiconductor HCPL-0701R1 Datasheet HTML 12Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
12/11/03
Page 8 of 12
© 2003 Fairchild Semiconductor Corporation
LOW INPUT CURRENT
HIGH GAIN SPLIT
DARLINGTON OPTOCOUPLERS
SINGLE CHANNEL:
HCPL-0700
HCPL-0701
DUAL CHANNEL:
HCPL-0730
HCPL-0731
Fig. 15 Common Mode Immunity Test Circuit
T
T
Test Circuit for HCPL-0730 and HCPL-0731
Test Circuit for HCPL-0700 and HCPL-0701
Pulse Gen
CM
VC
VFF
V
V
B
A
+
-
+5 V
O
V
-
IF
3
4
F
VF
2
1
Shield
Noise
6
O
5
GND
7
8
VO
B
VB
CC
VC
L
R
Switch at A : I = 0 mA
F
Switch at B : I = 1.6 mA
F
tr
VO
O
V
OL
V
5 V
0 V
10%
10%
90%
CM
V
10 V
CM
C
GND
+
-
F2
V
VF1
-
+5 V
CC
V
L
V02
V
R
01
VO
VCM
V
V
A
B
Pulse Gen
F
I
+
-
+
0.1
µF
f
t
FF
VF
90%
1
3
4
2
Shield
Noise
8
6
5
7
0.1
µF


Similar Part No. - HCPL-0701R1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0701 HP-HCPL-0701 Datasheet
259Kb / 16P
   Low Input Current, High Gain Optocouplers
HCPL-0701 HP-HCPL-0701 Datasheet
88Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701 AVAGO-HCPL-0701 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
More results

Similar Description - HCPL-0701R1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-2731 FAIRCHILD-HCPL-2731 Datasheet
561Kb / 15P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138 FAIRCHILD-6N138 Datasheet
249Kb / 13P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
6N138M FAIRCHILD-6N138M Datasheet
442Kb / 14P
   Low Input Current High Gain Split Darlington Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Fairchild Semiconductor
HCPL2731SD FAIRCHILD-HCPL2731SD Datasheet
304Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
6N138 FAIRCHILD-6N138_06 Datasheet
575Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
HCPL-0700 FAIRCHILD-HCPL-0700 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com