Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HD29028FP Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # HD29028FP
Description  Dual CCD Drivers
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HD29028FP Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  HD29028FP Datasheet HTML 1Page - List of Unclassifed Manufacturers HD29028FP Datasheet HTML 2Page - List of Unclassifed Manufacturers HD29028FP Datasheet HTML 3Page - List of Unclassifed Manufacturers HD29028FP Datasheet HTML 4Page - List of Unclassifed Manufacturers HD29028FP Datasheet HTML 5Page - List of Unclassifed Manufacturers HD29028FP Datasheet HTML 6Page - List of Unclassifed Manufacturers HD29028FP Datasheet HTML 7Page - List of Unclassifed Manufacturers HD29028FP Datasheet HTML 8Page - List of Unclassifed Manufacturers HD29028FP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings
Recommended Operating
Conditions
Item
Symbol
Rating
Unit
Supply voltage
HD29026A
V
CC
*1
15
V
HD29027
10
HD29028
15
Input voltage
V
I
7V
Output peak current
l
O(peak)
–1
A
Operating temperature range
Ta
20 to +75
C
Storage temperature range
T
stg
65 to +150
C
Junction temperature
T
j
150
C
Total dissipation
P
T
*2
DP-8
1
W
FP-8D
0.735
Notes: 1. If no value is specified, the voltage is defined by the GND pin.
2. Value when Ta = 25 C. Heat dissipation is required for large-capacitance, high-frequency
drivers, so derating of 8 mW/ C (DP-8) and 5.9 mW/ C (FP-8D) are required.
Item
Symbol
Min
Typ
Max
Unit
Supply voltage
HD29026A
V
CC
812
13
V
HD29027
V
CC
4.5
6
8
HD29028
V
CC
89
13
Operating temperature
Ta
20
25
75
C
(DP-8)
1.0
0.6
0.5
0
P
(W)
T
–20
25
075
50
T (°C)
(FP-8D)
1.0
0.5
0.44
0
P
(W)
T
–20
25
075
50
0.735
a
T (°C)
a


Similar Part No. - HD29028FP

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD29028FP HITACHI-HD29028FP Datasheet
72Kb / 16P
   Dual CCD Drivers
More results

Similar Description - HD29028FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD29026A RENESAS-HD29026A Datasheet
115Kb / 12P
   Dual CCD Drivers
logo
List of Unclassifed Man...
HD29029 ETC-HD29029 Datasheet
21Kb / 5P
   Dual CCD Drivers
logo
Renesas Technology Corp
J205001_HD29026A RENESAS-J205001_HD29026A Datasheet
235Kb / 18P
   Dual CCD Drivers
HD29029 RENESAS-HD29029 Datasheet
87Kb / 7P
   Dual CCD Drivers
logo
Hitachi Semiconductor
HD29026A HITACHI-HD29026A Datasheet
72Kb / 16P
   Dual CCD Drivers
logo
Toshiba Semiconductor
TB62802F TOSHIBA-TB62802F Datasheet
261Kb / 19P
   CCD Clock Drivers
TB62802FG TOSHIBA-TB62802FG Datasheet
262Kb / 20P
   CCD Clock Drivers
logo
Texas Instruments
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55110A TI-SN55110A Datasheet
148Kb / 10P
[Old version datasheet]   DUAL LINE DRIVERS
SN55121 TI-SN55121 Datasheet
117Kb / 7P
[Old version datasheet]   DUAL LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com