Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVC1G14FW4 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # 74LVC1G14FW4
Description  SINGLE SCHMITT-TRIGGER INVERTER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74LVC1G14FW4 Datasheet(HTML) 5 Page - Diodes Incorporated

  74LVC1G14FW4 Datasheet HTML 1Page - Diodes Incorporated 74LVC1G14FW4 Datasheet HTML 2Page - Diodes Incorporated 74LVC1G14FW4 Datasheet HTML 3Page - Diodes Incorporated 74LVC1G14FW4 Datasheet HTML 4Page - Diodes Incorporated 74LVC1G14FW4 Datasheet HTML 5Page - Diodes Incorporated 74LVC1G14FW4 Datasheet HTML 6Page - Diodes Incorporated 74LVC1G14FW4 Datasheet HTML 7Page - Diodes Incorporated 74LVC1G14FW4 Datasheet HTML 8Page - Diodes Incorporated 74LVC1G14FW4 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
74LVC1G14
Document number: DS35123 Rev. 4 - 2
5 of 16
www.diodes.com
March 2014
© Diodes Incorporated
74LVC1G14
Electrical Characteristics T
A = -40°C to +125°C
(All typical values are at VCC = 3.3V, TA = +25°C)
Symbol
Parameter
Test Conditions
VCC
Min
Typ.
Max
Unit
VT+
Positive- Going Input
Threshold Voltage
1.65V
0.70
1.20
2.3V
1.11
1.60
3V
1.50
2.00
4.5V
2.16
2.74
5.5V
2.61
3.33
VT-
Negative- Going Input
Threshold Voltage
1.65V
0.30
0.75
2.3V
0.58
1.03
3V
0.80
1.33
4.5V
1.21
1.95
5.5V
1.45
2.35
∆VT
Hysteresis
(VT+ - VT-)
1.65V
0.30
0.62
2.3V
0.37
0.80
3V
0.32
1.00
4.5V
0.50
1.20
5.5V
0.55
1.40
VOH
High Level Output Voltage
IOH = -100μA
1.65V to 5.5V
VCC – 0.1
V
IOH = -4mA
1.65V
0.95
IOH = -8mA
2.3V
1.7
IOH = -12mA
2.7V
1.9
IOH = -16mA
3V
1.9
IOH = -24mA
2.0
IOH = -32mA
4.5V
3.4
VOL
Low-Level Output Voltage
IOL = 100μA
1.65V to 5.5V
0.1
V
IOL = 4mA
1.65V
0.7
IOL = 8mA
2.3V
0.45
IOL = 12mA
2.7V
0.6
IOL = 16mA
3V
0.6
IOL = 24mA
0.8
IOL = 32mA
4.5V
0.8
II
Input Current
VI = 5.5V or GND
0 to 5.5V
± 100
μA
IOFF
Power Down Leakage Current VI or VO = 5.5V
0
± 200
μA
ICC
Supply Current
VI = 5.5V of GND
IO = 0
1.65V to 5.5V
200
μA
∆ICC
Additional Supply Current
Input at VCC –0.6V
3V to 5.5V
5000
μA


Similar Part No. - 74LVC1G14FW4

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G14FW4 DIODES-74LVC1G14FW4 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74LVC1G14FW4 DIODES-74LVC1G14FW4 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
74LVC1G14FW4-7 DIODES-74LVC1G14FW4-7 Datasheet
273Kb / 14P
   SINGLE SCHMITT-TRIGGER INVERETER
DS35123 Rev. 1 - 2
74LVC1G14FW4-7 DIODES-74LVC1G14FW4-7 Datasheet
300Kb / 13P
   SINGLE SCHMITT-TRIGGER INVERETER
More results

Similar Description - 74LVC1G14FW4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NLU1G14 ONSEMI-NLU1G14_12 Datasheet
137Kb / 10P
   Single Schmitt-Trigger Inverter
July, 2012 ??Rev. 2
logo
Unisonic Technologies
U74AHCT1G14 UTC-U74AHCT1G14 Datasheet
198Kb / 4P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
NXP Semiconductors
74LVC1G14 NXP-74LVC1G14 Datasheet
99Kb / 16P
   Single Schmitt-trigger inverter
Rev. 07-18 July 2007
74LVC1G14 PHILIPS-74LVC1G14 Datasheet
100Kb / 17P
   Single Schmitt-trigger inverter
2004 Sep 10
logo
Texas Instruments
SN74AUC1G14-EP TI-SN74AUC1G14-EP Datasheet
158Kb / 9P
[Old version datasheet]   SINGLE SCHMITT-TRIGGER INVERTER
SN74AUC1G14 TI-SN74AUC1G14 Datasheet
320Kb / 13P
[Old version datasheet]   SINGLE SCHMITT TRIGGER INVERTER
SN74LVC1G14 TI1-SN74LVC1G14_15 Datasheet
1Mb / 27P
[Old version datasheet]   Single Schmitt-Trigger Inverter
logo
Unisonic Technologies
U74LVC1G14 UTC-U74LVC1G14_V01 Datasheet
181Kb / 5P
   SINGLE SCHMITT-TRIGGER INVERTER
logo
Diodes Incorporated
74AHC1G14Q DIODES-74AHC1G14Q Datasheet
662Kb / 9P
   SINGLE SCHMITT-TRIGGER INVERTER
March 2022 Rev. 2 - 2
logo
NXP Semiconductors
74LVC1G14GW.125 NXP-74LVC1G14GW.125 Datasheet
368Kb / 20P
   Single Schmitt-trigger inverter
Rev. 12-6 August 2012
logo
ON Semiconductor
MC74VHC1G14 ONSEMI-MC74VHC1G14_13 Datasheet
121Kb / 6P
   Single Schmitt-Trigger Inverter
February, 2013 ??Rev. 19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com