Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ5.0A Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMCJ5.0A
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMCJ5.0A Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMCJ5.0A Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ5.0A Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ5.0A Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ5.0A Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Uni
Bi
Min (V) Max (V) IT (mA)
SMCJ5.0
SMCJ5.0C
GDD BDD
6.40
7.30
10
800
5.0
156.25
9.6
SMCJ5.0A
SMCJ5.0CA
GDE BDE
6.40
7.00
10
800
5.0
163.04
9.2
SMCJ6.0
SMCJ6.0C
GDF BDF
6.67
8.15
10
800
6.0
131.58
11.4
SMCJ6.0A
SMCJ6.0CA
GDG BDG
6.67
7.37
10
800
6.0
145.63
10.3
SMCJ6.5
SMCJ6.5C
GDH BDH
7.22
8.82
10
500
6.5
121.95
12.3
SMCJ6.5A
SMCJ6.5CA
GDK BDK
7.22
7.98
10
500
6.5
133.93
11.2
SMCJ7.0
SMCJ7.0C
GDL BDL
7.78
9.51
10
200
7.0
112.78
13.3
SMCJ7.0A
SMCJ7.0CA GDM BDM
7.78
8.60
10
200
7.0
125.00
12.0
SMCJ7.5
SMCJ7.5C
GDN BDN
8.33
10.20
1
100
7.5
104.90
14.3
SMCJ7.5A
SMCJ7.5CA
GDP BDP
8.33
9.21
1
100
7.5
116.28
12.9
SMCJ8.0
SMCJ8.0C
GDQ BDQ
8.89
10.90
1
50
8.0
100.00
15.0
SMCJ8.0A
SMCJ8.0CA
GDR BDR
8.89
9.83
1
50
8.0
110.29
13.6
SMCJ8.5
SMCJ8.5C
GDS BDS
9.44
11.50
1
20
8.5
94.34
15.9
SMCJ8.5A
SMCJ8.5CA
GDT BDT
9.44
10.40
1
20
8.5
104.17
14.4
SMCJ9.0
SMCJ9.0C
GDU BDU
10.00
12.20
1
10
9.0
88.76
16.9
SMCJ9.0A
SMCJ9.0CA
GDV BDV
10.00
11.10
1
10
9.0
97.40
15.4
SMCJ10
SMCJ10C
GDW BDW
11.10
13.60
1
5
10.0
79.79
18.8
SMCJ10A
SMCJ10CA
GDX BDX
11.10
12.30
1
5
10.0
88.24
17.0
SMCJ11
SMCJ11C
GDY BDY
12.20
14.90
1
1
11.0
74.63
20.1
SMCJ11A
SMCJ11CA
GDZ BDZ
12.20
13.50
1
1
11.0
82.42
18.2
SMCJ12
SMCJ12C
GED BED
13.30
16.30
1
1
12.0
68.18
22.0
SMCJ12A
SMCJ12CA
GEE BEE
13.30
14.70
1
1
12.0
75.38
19.9
SMCJ13
SMCJ13C
GEF BEF
14.40
17.60
1
1
13.0
63.03
23.8
SMCJ13A
SMCJ13CA
GEG BEG
14.40
15.90
1
1
13.0
69.77
21.5
SMCJ14
SMCJ14C
GEH BEH
15.60
19.10
1
1
14.0
58.14
25.8
SMCJ14A
SMCJ14CA
GEK BEK
15.60
17.20
1
1
14.0
64.66
23.2
SMCJ15
SMCJ15C
GEL BEL
16.70
20.40
1
1
15.0
55.76
26.9
SMCJ15A
SMCJ15CA
GEM BEM
16.70
18.50
1
1
15.0
61.48
24.4
SMCJ16
SMCJ16C
GEN BEN
17.80
21.80
1
1
16.0
52.08
28.8
SMCJ16A
SMCJ16CA
GEP BEP
17.80
19.70
1
1
16.0
57.69
26.0
SMCJ17
SMCJ17C
GEQ BEQ
18.90
23.10
1
1
17.0
49.18
30.5
SMCJ17A
SMCJ17CA
GER BER
18.90
20.90
1
1
17.0
54.35
27.6
SMCJ18
SMCJ18C
GES BES
20.00
24.40
1
1
18.0
46.58
32.2
SMCJ18A
SMCJ18CA
GET BET
20.00
22.10
1
1
18.0
51.37
29.2
SMCJ19
SMCJ19C
GEA BEA
21.13
25.76
1
1
19.0
44.10
34.0
SMCJ19A
SMCJ19CA
GEB BEB
21.10
23.30
1
1
19.0
48.73
30.8
SMCJ20
SMCJ20C
GEU BEU
22.20
27.10
1
1
20.0
41.90
35.8
SMCJ20A
SMCJ20CA
GEV BEV
22.20
24.50
1
1
20.0
46.30
32.4
SMCJ22
SMCJ22C
GEW BEW
24.40
29.80
1
1
22.0
38.07
39.4
SMCJ22A
SMCJ22CA
GEX BEX
24.40
26.90
1
1
22.0
42.25
35.5
SMCJ24
SMCJ24C
GEY BEY
26.70
32.60
1
1
24.0
34.88
43.0
SMCJ24A
SMCJ24CA
GEZ BEZ
26.70
29.50
1
1
24.0
38.56
38.9
SMCJ26
SMCJ26C
GFD BFD
28.90
35.30
1
1
26.0
32.19
46.6
SMCJ26A
SMCJ26CA
GFE BFE
28.90
31.90
1
1
26.0
35.63
42.1
SMCJ28
SMCJ28C
GFF BFF
31.10
38.00
1
1
28.0
30.00
50.0
SMCJ28A
SMCJ28CA
GFG BFG
31.10
34.40
1
1
28.0
33.04
45.4
SMCJ30
SMCJ30C
GFH BFH
33.30
40.70
1
1
30.0
28.04
53.5
SMCJ30A
SMCJ30CA
GFK BFK
33.30
36.80
1
1
30.0
30.99
48.4
SMCJ33
SMCJ33C
GFL BFL
36.70
44.90
1
1
33.0
25.42
59.0
SMCJ33A
SMCJ33CA
GFM BFM
36.70
40.60
1
1
33.0
28.14
53.3
SMCJ36
SMCJ36C
GFN BFN
40.00
48.90
1
1
36.0
23.33
64.3
SMCJ36A
SMCJ36CA
GFP BFP
40.00
44.20
1
1
36.0
25.82
58.1
Note:
Electrical Characteristics(TA=25 unless otherwise noted)
Part Number
(Uni)
Part Number
(Bi)
Device
Marking
Code
Breakdown Voltage VBR @IT
1. Suffix 'A ' denotes 5% tolerance device. Without 'A' denotes 10% tolerance device
2. Add suffix 'C 'or ' CA ' after part number to specify Bi-directional devices
3. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double
Maximum
Reverse
Leakage IR
@VRWM
(uA)
Working
Peak
Reverse
Voltage
VRWM
(V)
Maximum
Reverse
Surge
Current IPP
(A)
Maximum
Clamping
Voltage VC
@IPP
(V)
SMCJ Series
Transient Voltage Suppressors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70301-P1


Similar Part No. - SMCJ5.0A

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMCJ5.0A LUGUANG-SMCJ5.0A Datasheet
334Kb / 4P
   Surface Mount TVS
logo
WeEn Semiconductors
SMCJ5.0A WEEN-SMCJ5.0A Datasheet
598Kb / 7P
   1500W Transient Voltage Suppressor
logo
Dc Components
SMCJ5.0A DCCOM-SMCJ5.0A Datasheet
1Mb / 4P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SMCJ5.0A VISHAY-SMCJ5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
logo
Digitron Semiconductors
SMCJ5.0A DIGITRON-SMCJ5.0A Datasheet
520Kb / 4P
   TRANSIENT ABSORPTION ZENER DIODES
More results

Similar Description - SMCJ5.0A

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com