Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMCJ-28F-29 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMCJ-28F-29
Description  Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMCJ-28F-29 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMCJ-28F-29 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ-28F-29 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ-28F-29 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMCJ-28F-29 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Working Voltage: 5.0 to 440 V
Peak Pulse Power: 1500 W
except Bipolar
Mounting position: Any
Lead: Solderable per MIL-STD-750, method
2026
Polarity: Color band denotes cathode end
Mechanical Data
Case: Molded plastic
Epoxy: UL 94V-0 rate flame retardant
1500 W peak pulse power capability with a
10/1000 s waveform, repetitive rate (duty
cycle):0.01 %
Low leakage
Uni and Bidirectional unit
Excellent clamping capability
Very fast response time
RoHS compliant
Features
SMC/ DO-214AB
Glass passivated chip
Note:
(3)VF<3.5V for devices of VBR<200V and VF<5.0V for devices of VBR>201V
(1)Non-repetitive current pulse per Fig.5 and derated above TA= 25 °C per Fig.1
(2)Measured on 8.3 ms single half sine-wave or equivalent square wave, duty cycle = 4 pulses per minute maximum
Maximum instantaneous forward voltage at 100 A for
unidirectional only(3)
VF
3.5/5.0
V
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Power dissipation on infinite heatsink at TL = 75 °C
PD
6.5
W
Peak forward surge current, 8.3 ms single half sine-
wave unidirectional only(2)
IFSM
200
A
Peak power dissipation with a 10/1000 s waveform(1)
PPP
1500
W
Peak pulse current wih a 10/1000 s waveform(1)
IPP
See Next Table
A
Maximum Ratings(TA=25 unless otherwise noted)
Parameter
Symbol
Value
UNIT
SMCJ Series
Transient Voltage Suppressors
ht
t
p
:
//
www.lgesemi.com
mail:lge@lgesemi.com
Revision:201
70301-P1


Similar Part No. - SMCJ-28F-29

ManufacturerPart #DatasheetDescription
logo
UN Semiconducctor INC
SMCJ-AT UNSEMI-SMCJ-AT Datasheet
2Mb / 6P
   1500W Surface Mount Transient Voltage Suppressors
Revision March 1,2022
logo
Shanghai Yint Electroni...
SMCJ-H YINT-SMCJ-H Datasheet
1Mb / 5P
   Automotive and High Reliability TVS Diodes
logo
Littelfuse
SMCJ-HR LITTELFUSE-SMCJ-HR Datasheet
1Mb / 6P
   The SMCJ-HR High Reliability series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
SMCJ-HRA LITTELFUSE-SMCJ-HRA Datasheet
1Mb / 6P
   The SMCJ-HRA High Reliability series is designed
logo
Bourns Electronic Solut...
SMCJ-Q BOURNS-SMCJ-Q Datasheet
352Kb / 5P
   Transient Voltage Suppressor Diode Series
More results

Similar Description - SMCJ-28F-29

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com