Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

57-20240-8 Datasheet(PDF) 1 Page - DDK Ltd.

Part # 57-20240-8
Description  Ribbon Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

57-20240-8 Datasheet(HTML) 1 Page - DDK Ltd.

  57-20240-8 Datasheet HTML 1Page - DDK Ltd. 57-20240-8 Datasheet HTML 2Page - DDK Ltd. 57-20240-8 Datasheet HTML 3Page - DDK Ltd. 57-20240-8 Datasheet HTML 4Page - DDK Ltd. 57-20240-8 Datasheet HTML 5Page - DDK Ltd. 57-20240-8 Datasheet HTML 6Page - DDK Ltd. 57-20240-8 Datasheet HTML 7Page - DDK Ltd. 57-20240-8 Datasheet HTML 8Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
http://www.ddknet.co.jp
◎ Specifications and/or dimensions in this catalog are subject to change without notice.
  Please varify the latest specifications with our drawings.
RoHS
Compliant
RoHS
Compliant
Ribbon Connector
57 Series
120927
FEATURE
57-10 (Plug for Rack and Panel)
57-40(Panel Receptacle)
57-20(Receptacle for Rack and Panel) 57-30(Cable Plug, Top cable entry)
57-60(Receptacle for Cable to cable)
● 57 series is ribbon connectors which is available in various mating styles ; rack and panel,
cable to panel and PCB mounting types.
Rated Voltage
500V AC (r.m.s.)
Rated Current
5A / Contact
Dielectric Withstand Voltage
1200V AC (r.m.s.) / 1 minute
Insulation Resistance
1000M Ω min. at 500V DC
Contact Resistance
5m Ω max.
Operating Temperature
- 55℃~+ 105℃
Applicable Cable
AWG#22 (Solid Cable)
AWG#24 (Stranded Cable)
Item
Material / Finish
Insulator
DAP Resin (UL94V-0) / Blue
Contact
Copper Alloy / Au Plating
Shell
Copper Alloy / Ni Plating
Float bushing
Copper Alloy / Ni Plating
Boot
PVC (for 30 and 60 Type)
SPECIFICATIONS
Material/ Finish


Similar Part No. - 57-20240-8

ManufacturerPart #DatasheetDescription
logo
DDK Ltd.
57-20240-8 DDK-57-20240-8 Datasheet
1,018Kb / 12P
   Basic Version of Ribbon Connectors Solder Type
More results

Similar Description - 57-20240-8

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
S2B-SR-XX-3-BL-3 ADAM-TECH-S2B-SR-XX-3-BL-3 Datasheet
110Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SR-XXX-2-BL-3 ADAM-TECH-S2B-SR-XXX-2-BL-3 Datasheet
145Kb / 1P
   RIBBON CONNECTOR SOCKET
logo
Hirose Electric
HIF4-16D-3.18R HIROSE-HIF4-16D-3.18R Datasheet
728Kb / 7P
   Ribbon Cable Connector
logo
Adam Technologies, Inc.
MR50-PD ADAM-TECH-MR50-PD Datasheet
99Kb / 1P
   MINIATURE RIBBON CONNECTOR
S2B-SR-XXX-3-BL-3 ADAM-TECH-S2B-SR-XXX-3-BL-3 Datasheet
108Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SR-XXX-2-TFA-1 ADAM-TECH-S2B-SR-XXX-2-TFA-1 Datasheet
146Kb / 1P
   RIBBON CONNECTOR SOCKET
S2B-SV-XX-3-3 ADAM-TECH-S2B-SV-XX-3-3 Datasheet
93Kb / 1P
   RIBBON CONNECTOR SOCKET
logo
Hirose Electric
HIF3A-10D-2.54R HIROSE-HIF3A-10D-2.54R Datasheet
111Kb / 2P
   High Performance Ribbon Cable Connector
logo
Tyco Electronics
1-1658526-5 MACOM-1-1658526-5 Datasheet
3Mb / 100P
   Ribbon Cable Connector Selection Guide
logo
Adam Technologies, Inc.
MR50-PF-HD-4P ADAM-TECH-MR50-PF-HD-4P Datasheet
95Kb / 1P
   RIBBON 50P CABLE PLUG CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com