Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RI02023000W Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # RI02023000W
Description  915MHz Road Marker Kit - Quad Band Cellular Antenna RI.01 with CAB.820 Cable Assembly
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

RI02023000W Datasheet(HTML) 3 Page - Taoglas antenna solutions

  RI02023000W Datasheet HTML 1Page - Taoglas antenna solutions RI02023000W Datasheet HTML 2Page - Taoglas antenna solutions RI02023000W Datasheet HTML 3Page - Taoglas antenna solutions RI02023000W Datasheet HTML 4Page - Taoglas antenna solutions RI02023000W Datasheet HTML 5Page - Taoglas antenna solutions RI02023000W Datasheet HTML 6Page - Taoglas antenna solutions RI02023000W Datasheet HTML 7Page - Taoglas antenna solutions RI02023000W Datasheet HTML 8Page - Taoglas antenna solutions RI02023000W Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
SPE-14-8-051/A/AS
Page 3 of 12
2. Specification
ELECTRICAL
Band
915 MHz ISM
Frequency (MHz)
902-928
Polarization
Linear
Impedance
(Ohms)
50 Ohms
Peak Gain (dBi)
3.2
Efficiency (%)
26
Return Loss (dB)
-18
Radiation
Properties
Omni-directional
Max Input Power
(Watts)
10
MECHANICAL
Dimensions
Height = 17.6 mm and Diameter =101.4mm
Cable
WY100 Coaxial cable
Connector
SMB (M) Jack Straight 50 Ohms
Casing
UV Resistant PP
Sealant
Potting
ENVIRONMENTAL
Protection
IP67
Corrosion
5% NaCI for 96hrs
Temperature
Range
-40°C to +85°C
Thermal Shock
100 cycles -40°C to +85°C
Humidity
Non-condensing 65°C 95% RH
Shock (Drop
Test)
1m drop on concrete 6 axes
Cable Pull
8 Kgf


Similar Part No. - RI02023000W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
RI02013000W TAOGLAS-RI02013000W Datasheet
678Kb / 12P
   915MHz oad Marker Kit - Quad Band Cellular Antenna RI.01 with CAB.826 Cable Assembly
More results

Similar Description - RI02023000W

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
RG.02.02.3000W TAOGLAS-RG.02.02.3000W_17 Datasheet
1,021Kb / 15P
   Road Marker Kit - Quad Band Cellular Antenna RG.01 with CAB.820 Cable Assembly
RI02013000W TAOGLAS-RI02013000W Datasheet
678Kb / 12P
   915MHz oad Marker Kit - Quad Band Cellular Antenna RI.01 with CAB.826 Cable Assembly
RG.02.01.3000W TAOGLAS-RG.02.01.3000W_17 Datasheet
997Kb / 14P
   Road Marker Kit - Quad Band Cellular Antenna RG.01 with CAB.826 Cable Assembly
logo
List of Unclassifed Man...
RG01261500Q ETC2-RG01261500Q Datasheet
712Kb / 11P
   Road Marker Quad Band Cellular Antenna
RI01261500Q ETC2-RI01261500Q Datasheet
650Kb / 11P
   915MHz Road Marker Antenna
logo
Molex Electronics Ltd.
PS-146185-100 MOLEX-PS-146185-100_V01 Datasheet
381Kb / 7P
   Cellular Quad Band Flex Antenna
2017-06-13
1461850050 MOLEX-1461850050_V01 Datasheet
40Kb / 2P
   Cellular Quad-band Flex Antenna, 15.00mm Width, 50.00mm Cable Length, Cellular Quad-band Flex Antenna, 15.00mm Width, 50.00mm Cable Length,
logo
Taoglas antenna solutio...
TG.19.0112 TAOGLAS-TG.19.0112 Datasheet
500Kb / 10P
   Mini Helical Quad-Band Cellular Antenna
TG.19.0112 TAOGLAS-TG.19.0112_14 Datasheet
637Kb / 10P
   Mini Helical Quad-Band Cellular Antenna
logo
Molex Electronics Ltd.
AS-146185-100 MOLEX-AS-146185-100 Datasheet
1Mb / 13P
   Cellular Quad Band Flex Antenna Application Specification
2017/06/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com