Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXR07520075XA Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # FXR07520075XA
Description  Circular Flexible Near-Field Communications Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXR07520075XA Datasheet(HTML) 2 Page - Taoglas antenna solutions

  FXR07520075XA Datasheet HTML 1Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 2Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 3Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 4Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 5Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 6Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 7Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 8Page - Taoglas antenna solutions FXR07520075XA Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
SPE-15-8-077/B/CM
Page 2 of 11
1. Introduction
The FXR.07.52.0075X.A is a circular, flexible, NFC (Near Field Communications)
antenna for use in mobile devices and other applications such as keycards,
payment systems, and boarding passes. The design provides a flexible NFC antenna
with 75mm twisted pair 28AWG cable that can be adhered to the plastic enclosure
of the device for ease of installation and work with specific 13.56MHz RFID and NFC
chips which need to connect via JST ACH connector.
With NFC antennas being commonly attached to the battery of mobile devices, they
can be customized with a ferrite flux director to provide isolation from the battery
or other components within the device. Using the antenna on a conductive surface
without a ferrite layer will result in extremely short range or complete failure to
communicate. The coil inductance noted below can help estimate a capacitance
value for creating resonance at 13.56MHz.
Typical applications
- Mobile devices
- Electronic wallets
- Health care ID scanners
- Payment readers
- Office ID
- Access control
- Internet Of Things
Customized antennas for specific applications, shape, and impedance match can also
be provided for a NRE and are subject to MOQ. Contact your regional Taoglas sales


Similar Part No. - FXR07520075XA

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
   Circular Near-Field Communications Antenna
More results

Similar Description - FXR07520075XA

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXR06520075XA TAOGLAS-FXR06520075XA Datasheet
1Mb / 10P
   Square Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR08520075XA TAOGLAS-FXR08520075XA Datasheet
1Mb / 10P
   Rectangular Flexible Near-Field Communications Ferrite Antenna with 75mm Twisted Pair 28AWG Cable and ACH(F) connector
FXR07A TAOGLAS-FXR07A Datasheet
6Mb / 10P
   Circular Near-Field Communications Antenna
FXR05A TAOGLAS-FXR05A Datasheet
1Mb / 10P
   Small Form Factor Circular Flexible Near-Field Communications Antenna
FXR01070100CA TAOGLAS-FXR01070100CA Datasheet
1Mb / 10P
   Flexible Near-Field Communications Reader Antenna
logo
List of Unclassifed Man...
FXR01070100CA ETC2-FXR01070100CA Datasheet
1Mb / 9P
   Flexible Near-Field Communications Reader Antenna
logo
Taoglas antenna solutio...
FXR06A TAOGLAS-FXR06A Datasheet
1Mb / 10P
   Square Flexible Near-Field Communications Antenna
FXR08A TAOGLAS-FXR08A Datasheet
1Mb / 10P
   Rectangular Flexible Near-Field Communications Antenna
logo
List of Unclassifed Man...
FXT01A ETC2-FXT01A Datasheet
241Kb / 7P
   Flexible PCB Near-Field Communications Tag Antenna
logo
Taoglas antenna solutio...
FXR.07.52.0075X.A.DG TAOGLAS-FXR.07.52.0075X.A.DG Datasheet
4Mb / 10P
   Circular Near-Field Communications Ferrite
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com