Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KDZVTF5.1B Datasheet(PDF) 1 Page - Rohm

Part # KDZVTF5.1B
Description  Zener Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

KDZVTF5.1B Datasheet(HTML) 1 Page - Rohm

  KDZVTF5.1B Datasheet HTML 1Page - Rohm KDZVTF5.1B Datasheet HTML 2Page - Rohm KDZVTF5.1B Datasheet HTML 3Page - Rohm KDZVTF5.1B Datasheet HTML 4Page - Rohm KDZVTF5.1B Datasheet HTML 5Page - Rohm KDZVTF5.1B Datasheet HTML 6Page - Rohm KDZVTF5.1B Datasheet HTML 7Page - Rohm KDZVTF5.1B Datasheet HTML 8Page - Rohm KDZVTF5.1B Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
KDZVTF20B
Zener Diode
(AEC-Q101 qualified)
Data sheet
 
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
   
              Outline
PD
1000
mW
     
 
 
 
 
 
 
 
 
     
Feature
Inner Circuit
High reliability
Small power mold type
Application
Packaging Specification
Voltage regulation
Packing
Embossed Tape
Reel Size(mm)
180
Taping Width(mm)
8
Structure
Basic Ordering Unit(pcs)
3000
Silicon Epitaxial Planar
Taping Code
TR
Marking
AD
Absolute Maximum Rating (Ta = 25)
Parameter
Symbol
Limits
Unit
Power dissipation
PD
1000
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55 150 
www.rohm.com
© 2017 ROHMCo., Ltd. All rights reserved.
1/6
 
             
 
2017/01/12_Rev.002


Similar Part No. - KDZVTF5.1B

ManufacturerPart #DatasheetDescription
logo
Rohm
KDZVTF5.1B ROHM-KDZVTF5.1B Datasheet
2Mb / 10P
   Zener Diode
KDZVTF5.1B ROHM-KDZVTF5.1B Datasheet
2Mb / 10P
   Zener Diode
KDZVTF5.1B ROHM-KDZVTF5.1B Datasheet
2Mb / 10P
   Zener Diode
KDZVTF5.1B ROHM-KDZVTF5.1B Datasheet
2Mb / 10P
   Zener Diode
KDZVTF5.1B ROHM-KDZVTF5.1B Datasheet
2Mb / 10P
   Zener Diode
More results

Similar Description - KDZVTF5.1B

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMAJ4736A-TP MCC-SMAJ4736A-TP Datasheet
452Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
AiT Semiconductor Inc.
BZX84C2V4 AITSEMI-BZX84C2V4 Datasheet
453Kb / 8P
   ZENER DIODE ZENER VOLTAGE REGULATOR DIODE
REV1.1
logo
Micro Commercial Compon...
DL4733A-TP MCC-DL4733A-TP Datasheet
254Kb / 4P
   1 Watt Zener Diode Zener Diode
logo
Rohm
FTZ56E ROHM-FTZ56E Datasheet
53Kb / 2P
   Zener diode
UDZ ROHM-UDZ Datasheet
58Kb / 3P
   Zener diode
PTZ7.5B ROHM-PTZ7.5B Datasheet
227Kb / 5P
   Zener diode
PTZ3.9B ROHM-PTZ3.9B Datasheet
229Kb / 5P
   Zener diode
PTZ6.8B ROHM-PTZ6.8B Datasheet
228Kb / 5P
   Zener diode
logo
SHENZHEN YONGERJIA INDU...
1N5221B WINNERJOIN-1N5221B Datasheet
483Kb / 5P
   Zener diode
logo
Leshan Radio Company
LEDZ2-4BT1G LRC-LEDZ2-4BT1G_15 Datasheet
401Kb / 5P
   Zener diode
LEDZ11BT1G LRC-LEDZ11BT1G_15 Datasheet
167Kb / 5P
   Zener diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com