Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXL2T245 Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FXL2T245
Description  Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FXL2T245 Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FXL2T245 Datasheet HTML 1Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 2Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 3Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 4Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 5Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 6Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 7Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 8Page - Fairchild Semiconductor FXL2T245 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© 2005 Fairchild Semiconductor Corporation
DS500895
www.fairchildsemi.com
January 2005
Revised January 2005
FXL2T245
Low Voltage Dual Supply 2-Bit Signal Translator
with Configurable Voltage Supplies
and Signal Levels and 3-STATE Outputs
General Description
The FXL2T245 is a configurable dual-voltage-supply trans-
lator designed for both uni-directional and bi-directional
voltage translation between two logic levels. The device
allows translation between voltages as high as 3.6V to as
low as 1.1V. The A Port tracks the VCCA level, and the
B Port tracks the VCCB level. This allows for bi-directional
voltage translation over a variety of voltage levels: 1.2V,
1.5V, 1.8V, 2.5V, and 3.3V.
The device remains in 3-STATE until both VCCs reach
active levels allowing either VCC to be powered-up first.
Internal power down control circuits place the device in
3-STATE if either VCC is removed.
The Transmit/Receive (T/R) input determines the direction
of data flow through the device. The OE input, when HIGH,
disables both the A and B Ports by placing them in a
3-STATE condition. The FXL2T245 is designed so that the
control pins (T/R and OE) are supplied by VCCA.
Features
s Bi-directional interface between any 2 levels from 1.1V
to 3.6V
s Fully configurable, inputs track VCC level
s Non-preferential power-up sequencing; either VCC may
be powered-up first
s No power-up sequencing required
s Outputs remain in 3-STATE until active VCC level is
reached
s Outputs switch to 3-STATE if either VCC is at GND
s Power-off protection
s Control inputs (T/R, OE) levels are referenced to VCCA
voltage
s Packaged in 10-lead Pb-Free MicroPak (1.6mm x
2.1mm) package
s ESD protection exceeds:
• 4kV HBM ESD
(per JESD22-A114 & Mil Std 883e 3015.7)
• 8kV HBM I/O to GND ESD
(per JESD22-A114 & Mil Std 883e 3015.7)
• 1kV CDM ESD (per ESD STM 5.3)
• 200V MM ESD (per JESD22-A115 & ESD STM5.2)
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
Order Number
Package
Number
Package Description
FXL2T245L10X
MAC010A
Pb-Free 10-Lead MicroPak, 1.6 mm x 2.1mm


Similar Part No. - FXL2T245

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FXL2T245 ONSEMI-FXL2T245 Datasheet
728Kb / 13P
   Low-Voltage, Dual-Supply, 2-Bit, Signal Translator
April 2014 Rev. 1.0.2
FXL2T245L10X ONSEMI-FXL2T245L10X Datasheet
728Kb / 13P
   Low-Voltage, Dual-Supply, 2-Bit, Signal Translator
April 2014 Rev. 1.0.2
More results

Similar Description - FXL2T245

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FXL2TD245 FAIRCHILD-FXL2TD245 Datasheet
747Kb / 12P
   Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent
FXL4T245 FAIRCHILD-FXL4T245 Datasheet
519Kb / 9P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245 Datasheet
549Kb / 9P
   Low Voltage Dual Supply 8-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE Outputs
FXL4245 FAIRCHILD-FXL4245_10 Datasheet
568Kb / 11P
   Low-Voltage, Dual-Supply, 8-Bit, Signal Translator with Configurable Voltage Supplies, Signal Levels, and 3-State Outputs
FXL4TD245 FAIRCHILD-FXL4TD245 Datasheet
403Kb / 12P
   Low Voltage Dual Supply 4-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels and 3-STATE
FXLA102 FAIRCHILD-FXLA102_12 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA102 FAIRCHILD-FXLA102 Datasheet
578Kb / 14P
   Low Voltage Dual Supply 2-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA104 FAIRCHILD-FXLA104 Datasheet
272Kb / 16P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
FXLA0104 FAIRCHILD-FXLA0104 Datasheet
1Mb / 17P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels,
FXLA104 FAIRCHILD-FXLA104_12 Datasheet
1Mb / 18P
   Low-Voltage Dual-Supply 4-Bit Voltage Translator with Configurable Voltage Supplies and Signal Levels, 3-State Outputs, and Auto Direction Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com