Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SGGP252A02 Datasheet(PDF) 6 Page - Taoglas antenna solutions

Part # SGGP252A02
Description  GPS/GLONASS/GALILEO SMD Mount Embedded Ceramic Patch Antenna
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

SGGP252A02 Datasheet(HTML) 6 Page - Taoglas antenna solutions

Back Button SGGP252A02 Datasheet HTML 2Page - Taoglas antenna solutions SGGP252A02 Datasheet HTML 3Page - Taoglas antenna solutions SGGP252A02 Datasheet HTML 4Page - Taoglas antenna solutions SGGP252A02 Datasheet HTML 5Page - Taoglas antenna solutions SGGP252A02 Datasheet HTML 6Page - Taoglas antenna solutions SGGP252A02 Datasheet HTML 7Page - Taoglas antenna solutions SGGP252A02 Datasheet HTML 8Page - Taoglas antenna solutions SGGP252A02 Datasheet HTML 9Page - Taoglas antenna solutions SGGP252A02 Datasheet HTML 10Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
DSP-15-8- SPE-16-8-080/A/SS
Page 6 of 16
4.Antenna Radiation Pattern
4.1.
Measurement Setup
The SGGP.25.2.A.02 antenna is tested with 50mm*50mm ground plane in a
CTIA certified ETS-Lindgren Anechoic Chamber. The test setup is shown below.
Y
X
Z


Similar Part No. - SGGP252A02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SGGP254A02 TAOGLAS-SGGP254A02 Datasheet
886Kb / 14P
   GPS/GALILEO SMT Patch Antenna
logo
List of Unclassifed Man...
SGGP25A ETC2-SGGP25A Datasheet
791Kb / 10P
   GPS/GLONASS SMT PATCH ANTENNA
More results

Similar Description - SGGP252A02

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
SGGP.25.2.A.02 TAOGLAS-SGGP.25.2.A.02 Datasheet
1Mb / 16P
   GPS/GLONASS/GALILEO SMD Mount Embedded Ceramic Patch Antenna
SGGP.18.4.A.08 TAOGLAS-SGGP.18.4.A.08 Datasheet
2Mb / 19P
   GPS/GLONASS/GALILEO SMD Patch Antenna
SGGP.12.4.A.02 TAOGLAS-SGGP.12.4.A.02_17 Datasheet
1Mb / 18P
   12mm GPS/GLONASS/GALILEO SMT Mount Ceramic Patch Antenna
CGGP184C02 TAOGLAS-CGGP184C02 Datasheet
680Kb / 12P
   18mm Ceramic GPS/GLONASS/GALILEO Patch Antenna
logo
AVX Corporation
1004322 AVX-1004322 Datasheet
583Kb / 3P
   GPS/GLONASS/Beidou/Galileo Patch Antenna
9/27/2021
logo
Taoglas antenna solutio...
SGGP.25.4.A.02 TAOGLAS-SGGP.25.4.A.02 Datasheet
1Mb / 14P
   GPS/GLONASS/GALILEO SMT Patch Antenna
SGGP124A02 TAOGLAS-SGGP124A02 Datasheet
1Mb / 18P
   12mm GPS/GLONASS/GALILEO SMT Mount Ceramic Patch Antenna
SGGP.18.4.A.02 TAOGLAS-SGGP.18.4.A.02 Datasheet
1Mb / 19P
   GPS/GLONASS/GALILEO SMT Patch Antenna
SGGP18A TAOGLAS-SGGP18A Datasheet
1Mb / 19P
   GPS/Glonass/Galileo SMT Patch Antenna
CGGP353A02 TAOGLAS-CGGP353A02 Datasheet
1Mb / 13P
   3.5mm Thick GPS/Glonass/Galileo Patch Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com