Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISPC91A090092E Datasheet(PDF) 11 Page - Taoglas antenna solutions

Part # ISPC91A090092E
Description  5dBi ISM Band 915MHz Embedded Ceramic Patch Antenna with Cable and Connector
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

ISPC91A090092E Datasheet(HTML) 11 Page - Taoglas antenna solutions

Back Button ISPC91A090092E Datasheet HTML 7Page - Taoglas antenna solutions ISPC91A090092E Datasheet HTML 8Page - Taoglas antenna solutions ISPC91A090092E Datasheet HTML 9Page - Taoglas antenna solutions ISPC91A090092E Datasheet HTML 10Page - Taoglas antenna solutions ISPC91A090092E Datasheet HTML 11Page - Taoglas antenna solutions ISPC91A090092E Datasheet HTML 12Page - Taoglas antenna solutions ISPC91A090092E Datasheet HTML 13Page - Taoglas antenna solutions ISPC91A090092E Datasheet HTML 14Page - Taoglas antenna solutions ISPC91A090092E Datasheet HTML 15Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
SPE-14-8-058/C/WY
Page 11 of 17
6. APPLICATION NOTE
Taoglas considers the application here of the ISPC.91A antenna in different
typical environments. Some environments the antenna will be close to
ground plane (or general metal objects) and at different orientations. The
distance to ground-plane will also differ. Following this rationale, we compiled
the antenna S11 variation charts as below to evaluate the typical effects on
performance. A degraded return loss would generally to relatively decreased
efficiency, peak gain, and deformed radiation patterns. **Note - while it may
appear from the return loss on the ground above antenna that the antenna
may work in this orientation, it is likely the gain and efficiency are very poor
we would not recommend it under any circumstance**
There are three general situations of a ground plane orientation to antenna,
the setup is as below.
Ground under antenna
Ground above antenna
Ground side of antenna


Similar Part No. - ISPC91A090092E

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
ISPC.86A.09.0092E TAOGLAS-ISPC.86A.09.0092E Datasheet
945Kb / 17P
   High antenna efficiency
ISPC.91A.09.0092E TAOGLAS-ISPC.91A.09.0092E Datasheet
1Mb / 18P
   High antenna efficiency
logo
Lattice Semiconductor
ISPCLOCK5300S LATTICE-ISPCLOCK5300S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5304S LATTICE-ISPCLOCK5304S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
ISPCLOCK5308S LATTICE-ISPCLOCK5308S Datasheet
1Mb / 56P
   In-System Programmable, Zero-Delay, Universal Fan-Out Buffer, Single-Ended
More results

Similar Description - ISPC91A090092E

ManufacturerPart #DatasheetDescription
logo
Maxtena Inc.
MEA-915-SM MAXTENA-MEA-915-SM Datasheet
457Kb / 3P
   External 915MHz ISM Band Antenna
REV A
MEA-868-915-SMA MAXTENA-MEA-868-915-SMA Datasheet
1Mb / 3P
   868MHz-915MHz ISM band antenna
REV A
logo
List of Unclassifed Man...
FXP290070100A ETC2-FXP290070100A Datasheet
512Kb / 8P
   915MHz ISM Band Flex Circuit Antenna
logo
Taoglas antenna solutio...
FXP290070100A TAOGLAS-FXP290070100A Datasheet
451Kb / 9P
   915MHz ISM Band Flex Circuit Antenna
logo
TE Connectivity Ltd
C-2118898 TEC-C-2118898 Datasheet
157Kb / 1P
   ISM ANTENNA 915MHZ AND 2.4GHZ
logo
World Produts Inc.
WPANT10091-S1A WPI-WPANT10091-S1A Datasheet
56Kb / 2P
   900MHz ISM band Embedded Antenna
WPANT10102 WPI-WPANT10102 Datasheet
133Kb / 2P
   Dual-band ISM Embedded Antenna
WPANT10073-S1A WPI-WPANT10073-S1A Datasheet
78Kb / 2P
   900MHz ISM band Embedded Antenna
logo
Taoglas antenna solutio...
PC31070050A TAOGLAS-PC31070050A Datasheet
281Kb / 8P
   Dual-Band ISM 868/915MHz FR4 antenna with 50mm
logo
List of Unclassifed Man...
OMB868B05F21 ETC2-OMB868B05F21 Datasheet
395Kb / 9P
   5dBi 868MHz ISM Band Indoor/Outdoor Omni-Directional Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com