Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCM0765R Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FSCM0765R
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0765R Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FSCM0765R Datasheet HTML 1Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 2Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 3Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 4Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 5Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 6Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 7Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 8Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
FSCM0765R
5
Electrical Characteristics
(Ta = 25
°C unless otherwise specified.)
Notes:
1. Pulse Test: Pulse width
≤ 300μS, duty ≤ 2%
2. These parameters, although guaranteed at the design, are not tested in mass production.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
SenseFET SECTION
Drain Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
650
-
-
V
Zero-Gate-Voltage Current
IDSS
VDS = Max, Rating
VGS = 0V
-
-
500
μA
Static Drain Source on Resistance (1)
RDS(ON)
VGS = 10V, ID = 2.3A
-
1.4
1.6
Ω
Output Capacitance
COSS
VGS = 0V, VDS = 25V,
f = 1MHz
-
100
-
pF
Turn on Delay Time
TD(ON)
VDD= 325V, ID= 5A
(MOSFET switching
time is essentially
independent of
operating temperature)
-25
-
ns
Rise Time
TR
-60
-
Turn off Delay Time
TD(OFF)
-115
-
Fall Time
TF
-65
-
CONTROL SECTION
Initial Frequency
FOSC
VCC = 14V, VFB = 5V
60
66
72
kHz
Modulated Frequency Range
ΔFmod
--
±3
-
kHz
Frequency Modulation Cycle
Tmod
--
4
-
ms
Voltage Stability
FSTABLE
10V
≤ VCC ≤ 17V
0
1
3
%
Temperature Stability (2)
ΔFOSC
−25°C ≤ Ta ≤ +85°C
-
±5
±10
%
Maximum Duty Cycle
DMAX
-75
80
85
%
Minimum Duty Cycle
DMIN
--
-
0
%
Start Threshold Voltage
VSTART
VFB = GND
11
12
13
V
Stop Threshold Voltage
VSTOP
VFB = GND
7
8
9
V
Feedback Source Current
IFB
VFB = GND
0.7
0.9
1.1
mA
Soft-start Time
TSS
-10
15
20
ms
Initial Frequency
TLEB
-
-
300
-
ns
BURST MODE SECTION
Burst Mode Voltages (2)
VBH
Vcc = 14V
0.4
0.5
0.6
V
VBL
Vcc = 14V
0.24
0.3
0.36
V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn