Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCM0765R Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FSCM0765R
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FSCM0765R Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
FSCM0765R
4
(Ta=25
°C, unless otherwise specified.)
Notes:
1. Tj = 25°C to 150°C
2. Repetitive rating: Pulse width limited by maximum junction temperature.
Thermal Impedance
Note:
1. Free standing with no heat-sink under natural convection
2. Infinite cooling condition - Refer to the SEMI G30-88.
Parameter
Symbol
Value
Unit
Drain-Source (GND) Voltage (1)
VDSS
650
V
Drain-Gate Voltage (RGS=1MΩ)VDGR
650
V
Gate-Source (GND) Voltage
VGS
±30
V
Drain Current Pulsed (2)
IDM
21
ADC
Continuous Drain Current (D2-PAK, I2-PAK)
@ Tc = 25°C
ID
5.3
ADC
@ Tc =100
°CID
3.4
ADC
Continuous Drain Current (TO-220)
@ Tc = 25°C
ID
7ADC
@ Tc =100
°CID
4.4
ADC
Supply Voltage
VCC
20
V
Analog Input Voltage Range
VFB
-0.3 to VCC
V
Total Power Dissipation (D2-PAK,I2-PAK)
PD
83
W
Total Power Dissipation (TO-220)
PD
145
W
Operating Junction Temperature
TJ
Internally limited
°C
Operating Ambient Temperature
TA
-25 to +85
°C
Storage Temperature Range
TSTG
-55 to +150
°C
ESD Capability, HBM Model
(All pins except Vfb)
-
2.0
(GND-Vfb = 1.5kV)
(Vcc-Vfb = 1.0kV)
kV
ESD Capability, Machine Model
(All pins except Vfb)
-
300
(GND-Vfb = 250V)
(Vcc-Vfb = 100V)
V
Parameter
Symbol
Value
Unit
Junction-to-Ambient Thermal
θJA(1)
-
°C/W
Junction-to-Case Thermal (D2-PAK, I2-PAK)
θJC(2)
1.5
°C/W
Junction-to-Case Thermal (TO-220)
θJC(2)
0.9
°C/W


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn