Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FSCM0765R Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FSCM0765R
Description  Green Mode Fairchild Power Switch (FPS)
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSCM0765R Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSCM0765R Datasheet HTML 1Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 2Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 3Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 4Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 5Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 6Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 7Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 8Page - Fairchild Semiconductor FSCM0765R Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
FSCM0765R
3
Pin Definitions
Pin Configuration
Figure 3. Pin Configuration (Top View)Absolute Maximum Ratings
Pin Number
Pin Name
Pin Function Description
1Drain
This pin is the high voltage power SenseFET drain. It is designed to drive the
transformer directly.
2
GND
This pin is the control ground and the SenseFET source.
3VCC
This pin is the positive supply voltage input. Initially, During start up, the power is
supplied through the startup resistor from DC link. When Vcc reaches 12V, the
power is supplied from the auxiliary transformer winding.
4
Feedback (FB)
This pin is internally connected to the inverting input of the PWM comparator.
The collector of an optocoupler is typically tied to this pin. For stable operation, a
capacitor should be placed between this pin and GND. If the voltage of this pin
reaches 6.0V, the over load protection is activated resulting in shutdown of the
FPS.
5N.C.
This pin is not connected.
6I_limit
This pin is for the pulse by pulse current limit level programming. By using a
resistor to GND on this pin, the current limit level can be changed. If this pin is
left floating, the typical current limit will be 3.0A.
1 : Drain
2 : GND
6 : I_limit
4 : FB
3 : Vcc
5 : N.C.
D2-PAK-6L
1. Drain
2. GND
3. Vcc
4. FB
6. I_limit
5. N.C.
TO-220-6L
FSCM0765RJ
FSCM0765RG
I2-PAK-6L
FSCM0765RI
1 : Drain
2 : GND
6 : I_limit
4 : FB
3 : Vcc
5 : N.C.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn