Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FW24SMAM Datasheet(PDF) 1 Page - Taoglas antenna solutions

Part # FW24SMAM
Description  Meteor 2.4GHz Flexible Whip Monopole Antenna
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FW24SMAM Datasheet(HTML) 1 Page - Taoglas antenna solutions

  FW24SMAM Datasheet HTML 1Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 2Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 3Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 4Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 5Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 6Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 7Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 8Page - Taoglas antenna solutions FW24SMAM Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DSP-15-8- SPE-17-8-003/A/AW
Page 1 of 12
SPECIFICATION
Part No.
:
FW.24.SMA.M
Description
: Meteor 2.4GHz Flexible Whip
Monopole Antenna
Features
: External 2.4GHz Monopole Antenna
Rugged Design for Outdoor Use
Over 70% Efficiency*
Over 4dBi Peak Gain*
Robust Inner Steel Core
Antenna height 316mm
SMA(M) Straight Connector
IP67 dust and water-resistant
*Tested on 30*30cm Ground Plane
RoHS Compliant 


Similar Part No. - FW24SMAM

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FW241 SANYO-FW241 Datasheet
30Kb / 4P
   Ultrahigh-Speed Swiching Applications
FW243 SANYO-FW243 Datasheet
42Kb / 4P
   DC/DC Converter Applications
FW245 SANYO-FW245 Datasheet
32Kb / 4P
   DC / DC Converter Applications
FW248 SANYO-FW248 Datasheet
54Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device
logo
Taoglas antenna solutio...
FW24NTYM TAOGLAS-FW24NTYM Datasheet
866Kb / 15P
   Meteor-2.4GHz Flexible Whip Monopole Antenna N Type(M) Straight
More results

Similar Description - FW24SMAM

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FW24NTYM TAOGLAS-FW24NTYM Datasheet
866Kb / 15P
   Meteor-2.4GHz Flexible Whip Monopole Antenna N Type(M) Straight
FW81SMAM TAOGLAS-FW81SMAM Datasheet
167Kb / 6P
   Meteor 135MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
FW80SMAM TAOGLAS-FW80SMAM Datasheet
471Kb / 7P
   Meteor 169MHz 0dBi Flexible Whip Monopole Omni-Directional Antenna
FW.92.RNT.M TAOGLAS-FW.92.RNT.M Datasheet
703Kb / 13P
   Flexible Whip Monopole Antenna
FW.90.SMA.M TAOGLAS-FW.90.SMA.M_17 Datasheet
1Mb / 15P
   Flexible Whip Monopole Antenna
FW45BSMAM TAOGLAS-FW45BSMAM Datasheet
1Mb / 13P
   Meteor 450-470MHz Flexible Whip Monopole Antenna SMA(M) Straight
FW.91.TNC.M TAOGLAS-FW.91.TNC.M Datasheet
875Kb / 13P
   Flexible Whip Monopole Antenna
FW86RNTM TAOGLAS-FW86RNTM Datasheet
859Kb / 14P
   Meteor-868MHz Flexible Whip Monopole Antenna RP-N Type(M) Straight
FW95BSMAM TAOGLAS-FW95BSMAM Datasheet
2Mb / 12P
   Meteor ISM Band 915Mhz Flexible Whip Monopole Antenna SMA(M) Straight
FW86BSMAM TAOGLAS-FW86BSMAM Datasheet
1Mb / 12P
   Meteor ISM Band 868MHz Flexible Whip Monopole Antenna SMA(M) Straight
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com