Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5T510E477M020AHA030 Datasheet(PDF) 6 Page - Kemet Corporation

Part # R5T510E477M020AHA030
Description  T510 Series Automotive Grade Multiple Anode Low ESR MnO2
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R5T510E477M020AHA030 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button R5T510E477M020AHA030 Datasheet HTML 2Page - Kemet Corporation R5T510E477M020AHA030 Datasheet HTML 3Page - Kemet Corporation R5T510E477M020AHA030 Datasheet HTML 4Page - Kemet Corporation R5T510E477M020AHA030 Datasheet HTML 5Page - Kemet Corporation R5T510E477M020AHA030 Datasheet HTML 6Page - Kemet Corporation R5T510E477M020AHA030 Datasheet HTML 7Page - Kemet Corporation R5T510E477M020AHA030 Datasheet HTML 8Page - Kemet Corporation R5T510E477M020AHA030 Datasheet HTML 9Page - Kemet Corporation R5T510E477M020AHA030 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2055_T510_AUTO • 9/19/2016
66
Tantalum Surface Mount Capacitors – Automotive Grade
T510 Series Automotive Grade Multiple Anode Low ESR MnO2
Recommended Voltage Derating Guidelines
−55°C to 85°C
85°C to 125°C
% Change in Working DC
Voltage with Temperature
VR
67% of VR
Recommended Maximum
Application Voltage
50% of VR
33% of VR
Ripple Current/Ripple Voltage
Permissible AC ripple voltage and current are related to
equivalent series resistance (ESR) and the power dissipation
capabilities of the device. Permissible AC ripple voltage
which may be applied is limited by two criteria:
1. The positive peak AC voltage plus the DC bias voltage,
if any, must not exceed the DC voltage rating of the
capacitor.
2. The negative peak AC voltage in combination with
bias voltage, if any, must not exceed the allowable limits
specified for reverse voltage. See the Reverse Voltage
section for allowable limits.
The maximum power dissipation by case size can be
determined using the table at right. The maximum power
dissipation rating stated in the table must be reduced with
increasing environmental operating temperatures. Refer to
the table below for temperature compensation requirements.
Temperature Compensation Multipliers
for Maximum Ripple Current
T ≤ 25°C
T ≤ 85°C
T ≤ 125°C
1.00
0.90
0.40
T= Environmental Temperature
The maximum power dissipation rating must be reduced with increasing
environmental operating temperatures. Refer to the Temperature
Compensation Multiplier table for details.
KEMET Series
and Case Code
EIA
Case Code
Maximum Power
Dissipation (P max)
mWatts at 25°C
w/+20°C Rise
A
3216–18
75
B
3528–21
85
C
6032–28
110
D
7343–31
150
X
7343–43
165
E
7360–38
200
S
3216–12
60
T
3528–12
70
U
6032–15
90
V
7343–20
125
T510X
7343–43
270
T510E
7360–38
285
Using the P max of the device, the maximum allowable rms
ripple current or voltage may be determined.
I(max) = √P max/R
E(max) = Z √P max/R
I = rms ripple current (amperes)
E = rms ripple voltage (volts)
P max = maximum power dissipation (watts)
R = ESR at specified frequency (ohms)
Z = Impedance at specified frequency (ohms)
0%
20%
40%
60%
80%
100%
120%
−55
25
85
125
% Change in Working DC Voltage
with Temperature
Temperature (ºC)
67%
33%
Recommended Maximum
Application Voltage
(As % of Rated Voltage)


Similar Part No. - R5T510E477M020AHA030

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5T-CT1S MSYSTEM-R5T-CT1S Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT1S/Q MSYSTEM-R5T-CT1S/Q Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT1W MSYSTEM-R5T-CT1W Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT1W/Q MSYSTEM-R5T-CT1W/Q Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT2S MSYSTEM-R5T-CT2S Datasheet
104Kb / 3P
   Remote I/O R5 Series
More results

Similar Description - R5T510E477M020AHA030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477M006ATE800 KEMET-T510X477M006ATE800 Datasheet
1Mb / 15P
   T510 Series Multiple Anode MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
T510X226K050ATE075 KEMET-T510X226K050ATE075 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 75mOhms, 4.3mm
T510X337M010ATE035 KEMET-T510X337M010ATE035_17 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 330 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, 4.3mm
B45396R KEMET-B45396R Datasheet
437Kb / 12P
   Multiple Anode, Ultra-low ESR
T510X337K010ATE035 KEMET-T510X337K010ATE035 Datasheet
81Kb / 1P
   T510, Tantalum, MnO2 Tantalum, Multi-Anode, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, Height Max = 4.3mm
T510X476K035ATE055 KEMET-T510X476K035ATE055 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 55mOhms, Height Max = 4.3mm
T510X227K016ATE025 KEMET-T510X227K016ATE025 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 220 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 25mOhms, Height Max = 4.3mm
T510X107M020ATE040 KEMET-T510X107M020ATE040 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 40mOhms, Height Max = 4.3mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com