Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R5T510X477K020AHA030 Datasheet(PDF) 11 Page - Kemet Corporation

Part # R5T510X477K020AHA030
Description  T510 Series Automotive Grade Multiple Anode Low ESR MnO2
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

R5T510X477K020AHA030 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button R5T510X477K020AHA030 Datasheet HTML 7Page - Kemet Corporation R5T510X477K020AHA030 Datasheet HTML 8Page - Kemet Corporation R5T510X477K020AHA030 Datasheet HTML 9Page - Kemet Corporation R5T510X477K020AHA030 Datasheet HTML 10Page - Kemet Corporation R5T510X477K020AHA030 Datasheet HTML 11Page - Kemet Corporation R5T510X477K020AHA030 Datasheet HTML 12Page - Kemet Corporation R5T510X477K020AHA030 Datasheet HTML 13Page - Kemet Corporation R5T510X477K020AHA030 Datasheet HTML 14Page - Kemet Corporation R5T510X477K020AHA030 Datasheet HTML 15Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 • 864-963-6300 • www.kemet.com
T2055_T510_AUTO • 9/19/2016 11
11
Tantalum Surface Mount Capacitors – Automotive Grade
T510 Series Automotive Grade Multiple Anode Low ESR MnO2
Figure 1 – Embossed (Plastic) Carrier Tape Dimensions
Po
T
F
W
Center Lines of Cavity
Ao
Bo
User Direction of Unreeling
Cover Tape
Ko
B 1 is for tape feeder reference only,
including draft concentric about B
o
.
T2
ØD 1
ØDo
B 1
S 1
T1
E 1
E 2
P 1
P 2
Embossment
For cavity size,
see Note 1 Table 4
[10 pitches cumulative
tolerance on tape ± 0.2 mm]
Table 4 – Embossed (Plastic) Carrier Tape Dimensions
Metric will govern
Constant Dimensions — Millimeters (Inches)
Tape Size
D
0
D
1 Minimum
Note 1
E
1
P
0
P
2
R Reference
Note 2
S
1 Minimum
Note 3
T Maximum
T
1
Maximum
8 mm
1.5+0.10/−0.0
(0.059+0.004/−0.0)
1.0
(0.039)
1.75±0.10
(0.069±0.004)
4.0±0.10
(0.157±0.004)
2.0±0.05
(0.079±0.002)
25.0
(0.984)
0.600
(0.024)
0.600
(0.024)
0.100
(0.004)
12 mm
1.5
(0.059)
30
(1.181)
16 mm
2.0±0.1
(0.079±0.059)
1. The embossment hole location shall be measured from the sprocket hole controlling the location of the embossment. Dimensions of embossment
location and hole location shall be applied independent of each other.
2. The tape, with or without components, shall pass around R without damage (see Figure 4).
3. If S
1 < 1.0 mm, there may not be enough area for cover tape to be properly applied (see EIA Standard 481–D, paragraph 4.3, section b).
4. B
1 dimension is a reference dimension for tape feeder clearance only.
5. The cavity defined by A
0, B0 and K0 shall surround the component with sufficient clearance that:
(a) the component does not protrude above the top surface of the carrier tape.
(b) the component can be removed from the cavity in a vertical direction without mechanical restriction, after the top cover tape has been removed.
(c) rotation of the component is limited to 20° maximum for 8 and 12 mm tapes and 10° maximum for 16 mm tapes (see Figure 2).
(d) lateral movement of the component is restricted to 0.5 mm maximum for 8 mm and 12 mm wide tape and to 1.0 mm maximum for 16 mm tape (see
Figure 3).
(e) see Addendum in EIA Standard 481–D for standards relating to more precise taping requirements.
Variable Dimensions — Millimeters (Inches)
Tape Size
Pitch
B
1 Maximum
Note 4
E
2 Minimum
F
P
1
T
2 Maximum W Maximum A0, B0 & K0
8 mm
Single (4 mm)
4.35
(0.171)
6.25
(0.246)
3.5±0.05
(0.138±0.002)
2.0±0.05 or 4.0±0.10
(0.079±0.002 or 0.157±0.004)
2.5
(0.098)
8.3
(0.327)
Note 5
12 mm
Single (4 mm)
& Double (8
mm)
8.2
(0.323)
10.25
(0.404)
5.5±0.05
(0.217±0.002)
2.0±0.05 (0.079±0.002) or
4.0±0.10 (0.157±0.004) or
8.0±0.10 (0.315 ±0.004)
4.6
(0.181)
12.3
(0.484)
16 mm
Triple (12 mm)
12.1
(0.476)
14.25
(0.561)
7.5±0.10
(0.295±0.004)
4.0±0.10 (0.157±0.004)
to 12.0±0.10 (0.472±0.004)
8.0 (0.315)
16.3
(0.642)


Similar Part No. - R5T510X477K020AHA030

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
R5T-CT1S MSYSTEM-R5T-CT1S Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT1S/Q MSYSTEM-R5T-CT1S/Q Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT1W MSYSTEM-R5T-CT1W Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT1W/Q MSYSTEM-R5T-CT1W/Q Datasheet
104Kb / 3P
   Remote I/O R5 Series
R5T-CT2S MSYSTEM-R5T-CT2S Datasheet
104Kb / 3P
   Remote I/O R5 Series
More results

Similar Description - R5T510X477K020AHA030

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T510X477M006ATE800 KEMET-T510X477M006ATE800 Datasheet
1Mb / 15P
   T510 Series Multiple Anode MnO2
T510X337M010ATE035 KEMET-T510X337M010ATE035 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T510 Series Multiple Anode MnO2
T510X106K050ATE120 KEMET-T510X106K050ATE120 Datasheet
2Mb / 17P
   Tantalum Surface Mount Capacitors . Low ESR T510 Series Multiple Anode MnO2
T510X226K050ATE075 KEMET-T510X226K050ATE075 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 22 uF, 10%, 50 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 75mOhms, 4.3mm
T510X337M010ATE035 KEMET-T510X337M010ATE035_17 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 330 uF, 20%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, 4.3mm
B45396R KEMET-B45396R Datasheet
437Kb / 12P
   Multiple Anode, Ultra-low ESR
T510X337K010ATE035 KEMET-T510X337K010ATE035 Datasheet
81Kb / 1P
   T510, Tantalum, MnO2 Tantalum, Multi-Anode, 330 uF, 10%, 10 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 35mOhms, Height Max = 4.3mm
T510X476K035ATE055 KEMET-T510X476K035ATE055 Datasheet
81Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 47 uF, 10%, 35 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 55mOhms, Height Max = 4.3mm
T510X227K016ATE025 KEMET-T510X227K016ATE025 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 220 uF, 10%, 16 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 25mOhms, Height Max = 4.3mm
T510X107M020ATE040 KEMET-T510X107M020ATE040 Datasheet
80Kb / 1P
   Tantalum, MnO2 Tantalum, Multi-Anode, T510, 100 uF, 20%, 20 V, 7343, SMD, MnO2, Molded, Multiple Anodes, Low ESR, 40mOhms, Height Max = 4.3mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com