Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6419 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. FMS6419
Description  Selectable RGB (YUV) HD/SD Video Filter Driver with Y, C, Composite Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6419 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FMS6419 Datasheet HTML 1Page - Fairchild Semiconductor FMS6419 Datasheet HTML 2Page - Fairchild Semiconductor FMS6419 Datasheet HTML 3Page - Fairchild Semiconductor FMS6419 Datasheet HTML 4Page - Fairchild Semiconductor FMS6419 Datasheet HTML 5Page - Fairchild Semiconductor FMS6419 Datasheet HTML 6Page - Fairchild Semiconductor FMS6419 Datasheet HTML 7Page - Fairchild Semiconductor FMS6419 Datasheet HTML 8Page - Fairchild Semiconductor FMS6419 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
REV. 4C June 28, 2004
3
FMS6419
DATA SHEET
High Definition Electrical Specifications
(TC = 25°C, Vi = 1Vpp; VCCA = 3.3V, VCCO = 5.0V, FSEL = 1, all inputs AC coupled with 0.1
µF,
all outputs AC coupled with 220
µF into 150Ω, referenced to 400kHz; unless otherwise noted)
Note:
1. 100% tested at 25°C.
Absolute Maximum Ratings (beyond which the device may be damaged)
Note
Functional operation under any of these conditions is NOT implied. Performance and reliability are guaranteed only if operating
conditions are not exceeded.
Reliability Information
Recommended Operating Conditions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
AVRGBHD
RGB HD Gain1
R,G,B channels HD Mode
5.4
6.0
6.6
dB
f1dBHD
-1dB Bandwidth for HD1
R,G,B channels
20
26
MHz
fCHD
-3dB Bandwidth for HD
R,G,B channels
32
MHz
fSBHD
Attenuation: HD (stopband reject)1
R,G,B channels at f = 74.25MHz
-35
-40
dB
XTALKRGB
Crosstalk (channel-to-channel)
at 1MHz
-60
dB
INMUXISO
INMUX Isolation
at 1MHz
-70
dB
SNR
Signal-to-Noise Ratio
R,G,B channels
70
dB
tpdHD
Prop Delay for HD
Delay from input to output
at 20MHz
30
ns
Parameter
Min
Max
Units
Supply Voltage
-0.3
6.5
V
Analog and Digital I/O
-0.3
VCCO +0.3
V
Output Current Any One Channel (Do Not Exceed)
120
mA
Parameter
Min
Typ
Max
Units
Junction Temperature
+150
°C
Storage Temperature Range
-65
+150
°C
Lead Temperature (Soldering, 10s)
+300
°C
Thermal Resistance (
θθθθJA),
JEDEC Standard Multi-layer Test Boards, Still Air
47
°C/W
Parameter
Min
Typ
Max
Units
Operating Temperature Range
0
70
°C
VCCO Range
4.75
5.0
5.25
V
VCCA Range
3.135
3.3
3.465
V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn