Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1210H124D3GALT250 Datasheet(PDF) 1 Page - Kemet Corporation

Part # C1210H124D3GALT250
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1210H124D3GALT250 Datasheet(HTML) 1 Page - Kemet Corporation

  C1210H124D3GALT250 Datasheet HTML 1Page - Kemet Corporation C1210H124D3GALT250 Datasheet HTML 2Page - Kemet Corporation C1210H124D3GALT250 Datasheet HTML 3Page - Kemet Corporation C1210H124D3GALT250 Datasheet HTML 4Page - Kemet Corporation C1210H124D3GALT250 Datasheet HTML 5Page - Kemet Corporation C1210H124D3GALT250 Datasheet HTML 6Page - Kemet Corporation C1210H124D3GALT250 Datasheet HTML 7Page - Kemet Corporation C1210H124D3GALT250 Datasheet HTML 8Page - Kemet Corporation C1210H124D3GALT250 Datasheet HTML 9Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1001_C0G_200C_SMD • 7/23/2014
1
One world. One KEMET
Ordering Information
C
1210
H
124
J
5
G
A
C
TU
Ceramic Case Size
(L" x W")
Specification/
Series
Capacitance
Code (pF)
Capacitance
Tolerance1
Voltage
Dielectric Failure Rate/
Design
Termination
Finish2
Packaging/Grade (C-Spec)3
0402
0603
0805
1206
1210
1812
2220
H= High
Temperature
(200°C)
2 significant digits +
number of zeros.
Use 9 for 1.0 – 9.9 pF
Use 8 for 0.5 – .99 pF
e.g., 2.2 pF = 229
e.g., 0.5 pF = 508
B = ±0.10 pF
C = ±0.25 pF
D = ±0.5 pF
F = ±1%
G = ±2%
J = ±5%
K = ±10%
M = ±20%
8 = 10 V
4 = 16 V
3 = 25 V
5 = 50 V
1 = 100 V
2 = 200 V
G = C0G
A = N/A
C = 100%
Matte Sn
L = SnPb (5%
minimum)
Blank = Bulk
TU = 7" Reel - Unmarked
(full reel quantity)
T050 = 50 pcs / 7” Reel -
Unmarked
T100 = 100 pcs / 7” Reel -
Unmarked
T250 = 250 pcs / 7” Reel -
Unmarked
T500 = 500 pcs / 7” Reel -
Unmarked
T1K0 = 1,000 pcs / Reel -
Unmarked
1
Additional capacitance tolerance offerings may be available. Contact KEMET for details.
2
Additional termination finish options may be available. Contact KEMET for details.
3
Reeling quantities are dependent upon chip size and thickness dimension. When ordering using the “T1K0” packaging option, 1812 thru 2225 case size devices
with chip thickness of ≥ 1.9mm (nominal) may be shipped on multiple 7” reels or a single 13” reel . The term “Unmarked” pertains to laser marking of components.
All packaging options labeled as “Unmarked” will contain capacitors that have not been laser marked. Additional reeling or packaging options may be available.
Contact KEMET for details.
Overview
KEMET’s high temperature surface mount C0G Multilayer
Ceramic Capacitors (MLCCs) feature a robust, proprietary
base metal dielectric system that offers industry-leading
performance relative to capacitance and case size combined
with capacitance stability at extreme temperatures up to
+200°C. This new platform promotes downsizing opportunities
of existing high temperature C0G technology, and offers
replacement opportunities of existing X7R, BX and BR dielectric
technologies.
KEMET’s high temperature C0G dielectric features a 200°C
maximum operating temperature and is considered “stable.” The
Electronics Components, Assemblies & Materials Association
(EIA) characterizes C0G dielectric as a Class I material.
Components of this classification are temperature compensating
and are suited for resonant circuit applications or those where
Q and stability of capacitance characteristics are required. C0G
exhibits no change in capacitance with respect to time and voltage
and boasts a negligible change in capacitance with reference to
ambient temperature. Capacitance change is limited to ±30 ppm/
ºC from -55°C to +200°C.
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature 200°C, C0G Dielectric, 10 – 200 VDC
(Industrial Grade)
Click image above for interactive 3D content
Open PDF in Adobe Reader for full functionality


Similar Part No. - C1210H124D3GALT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1210H124D3GACTU KEMET-C1210H124D3GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
More results

Similar Description - C1210H124D3GALT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com