Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206H124D3GALT250 Datasheet(PDF) 7 Page - Kemet Corporation

Part # C1206H124D3GALT250
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206H124D3GALT250 Datasheet(HTML) 7 Page - Kemet Corporation

Back Button C1206H124D3GALT250 Datasheet HTML 3Page - Kemet Corporation C1206H124D3GALT250 Datasheet HTML 4Page - Kemet Corporation C1206H124D3GALT250 Datasheet HTML 5Page - Kemet Corporation C1206H124D3GALT250 Datasheet HTML 6Page - Kemet Corporation C1206H124D3GALT250 Datasheet HTML 7Page - Kemet Corporation C1206H124D3GALT250 Datasheet HTML 8Page - Kemet Corporation C1206H124D3GALT250 Datasheet HTML 9Page - Kemet Corporation C1206H124D3GALT250 Datasheet HTML 10Page - Kemet Corporation C1206H124D3GALT250 Datasheet HTML 11Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1001_C0G_200C_SMD • 7/23/2014
7
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade)
Table 2 – Chip Thickness/Packaging Quantities
Thickness
Code
Case
Size
Thickness ±
Range (mm)
Paper Quantity
Plastic Quantity
7" Reel
13" Reel
7" Reel
13" Reel
BB
0402
0.50 ± 0.05
10,000
50,000
0
0
CF
0603
0.80 ± 0.07
4,000
15,000
0
0
DC
0805
0.78 ± 0.10
4,000
10,000
0
0
DD
0805
0.90 ± 0.10
4,000
10,000
0
0
DE
0805
1.00 ± 0.10
0
0
2,500
10,000
DF
0805
1.10 ± 0.10
0
0
2,500
10,000
DG
0805
1.25 ± 0.15
0
0
2,500
10,000
EB
1206
0.78 ± 0.10
4,000
10,000
4,000
10,000
EC
1206
0.90 ± 0.10
0
0
4,000
10,000
ED
1206
1.00 ± 0.10
0
0
2,500
10,000
EE
1206
1.10 ± 0.10
0
0
2,500
10,000
EF
1206
1.20 ± 0.15
0
0
2,500
10,000
EH
1206
1.60 ± 0.20
0
0
2,000
8,000
FB
1210
0.78 ± 0.10
0
0
4,000
10,000
FC
1210
0.90 ± 0.10
0
0
4,000
10,000
FE
1210
1.00 ± 0.10
0
0
2,500
10,000
FF
1210
1.10 ± 0.10
0
0
2,500
10,000
FG
1210
1.25 ± 0.15
0
0
2,500
10,000
FH
1210
1.55 ± 0.15
0
0
2,000
8,000
FM
1210
1.70 ± 0.20
0
0
2,000
8,000
GB
1812
1.00 ± 0.10
0
0
1,000
4,000
GD
1812
1.25 ± 0.15
0
0
1,000
4,000
GH
1812
1.40 ± 0.15
0
0
1,000
4,000
GK
1812
1.60 ± 0.20
0
0
1,000
4,000
GN
1812
1.70 ± 0.20
0
0
1,000
4,000
JJ
2220
2.20 ± 0.15
0
0
500
2,000
Thickness
Code
Case
Size
Thickness ±
Range (mm)
7" Reel
13" Reel
7" Reel
13" Reel
Paper Quantity
Plastic Quantity
Package quantity based on finished chip thickness specifications.


Similar Part No. - C1206H124D3GALT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206H124D3GACTU KEMET-C1206H124D3GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
More results

Similar Description - C1206H124D3GALT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com