Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603H124D3GALT250 Datasheet(PDF) 11 Page - Kemet Corporation

Part # C0603H124D3GALT250
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C0603H124D3GALT250 Datasheet(HTML) 11 Page - Kemet Corporation

Back Button C0603H124D3GALT250 Datasheet HTML 7Page - Kemet Corporation C0603H124D3GALT250 Datasheet HTML 8Page - Kemet Corporation C0603H124D3GALT250 Datasheet HTML 9Page - Kemet Corporation C0603H124D3GALT250 Datasheet HTML 10Page - Kemet Corporation C0603H124D3GALT250 Datasheet HTML 11Page - Kemet Corporation C0603H124D3GALT250 Datasheet HTML 12Page - Kemet Corporation C0603H124D3GALT250 Datasheet HTML 13Page - Kemet Corporation C0603H124D3GALT250 Datasheet HTML 14Page - Kemet Corporation C0603H124D3GALT250 Datasheet HTML 15Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1001_C0G_200C_SMD • 7/23/2014 11
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade)
Construction
Dielectric Material
(CaZrO3)
Detailed Cross Section
Barrier Layer
(Ni)
Base Metal
(Cu)
Inner Electrodes
(Ni)
Barrier Layer
(Ni)
Base Metal
(Cu)
Inner Electrodes
(Ni)
Dielectric Material
(CaZrO3)
Termination Finish
(100% Matte Sn /
SnPb - 5% min)
Termination Finish
(100% Matte Sn /
SnPb - 5% min)
Capacitor Marking (Optional):
Laser marking option is not available on:
• C0G, Ultra Stable X8R and Y5V dielectric devices
• EIA 0402 case size devices
• EIA 0603 case size devices with Flexible Termination option.
• KPS Commercial and Automotive grade stacked devices.
These capacitors are supplied unmarked only.


Similar Part No. - C0603H124D3GALT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0603H124D3GACTU KEMET-C0603H124D3GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
More results

Similar Description - C0603H124D3GALT250

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com