Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FXP830240100B Datasheet(PDF) 10 Page - Taoglas antenna solutions

Part # FXP830240100B
Description  FXP830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

FXP830240100B Datasheet(HTML) 10 Page - Taoglas antenna solutions

Back Button FXP830240100B Datasheet HTML 6Page - Taoglas antenna solutions FXP830240100B Datasheet HTML 7Page - Taoglas antenna solutions FXP830240100B Datasheet HTML 8Page - Taoglas antenna solutions FXP830240100B Datasheet HTML 9Page - Taoglas antenna solutions FXP830240100B Datasheet HTML 10Page - Taoglas antenna solutions FXP830240100B Datasheet HTML 11Page - Taoglas antenna solutions FXP830240100B Datasheet HTML 12Page - Taoglas antenna solutions FXP830240100B Datasheet HTML 13Page - Taoglas antenna solutions FXP830240100B Datasheet HTML 14Page - Taoglas antenna solutions  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
SPE-14-8-022/F/SS
Page 10 of 14
XY Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
5
10 15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
175
180
185
190
195
200
205
210
215
220
225
230
235
240
245
250
255
260
265
270
275
280
285
290
295
300
305
310
315
320
325
330
335
340
345 350
355
2.45GHz
5.0GHz
5.8GHz
XZ Plane
-35
-30
-25
-20
-15
-10
-5
0
5
0
5
10 15
20
25
30
35
40
45
50
55
60
65
70
75
80
85
90
95
100
105
110
115
120
125
130
135
140
145
150
155
160
165
170
175
180
185
190
195
200
205
210
215
220
225
230
235
240
245
250
255
260
265
270
275
280
285
290
295
300
305
310
315
320
325
330
335
340
345 350
355
2.45GHz
5.0GHz
5.8GHz


Similar Part No. - FXP830240100B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP830.07.0100C TAOGLAS-FXP830.07.0100C Datasheet
1Mb / 14P
   Ground-plane Independent
FXP830.09.0100C TAOGLAS-FXP830.09.0100C Datasheet
3Mb / 21P
   Ground-plane Independent
FXP830.24.0100B TAOGLAS-FXP830.24.0100B Datasheet
728Kb / 14P
   Very High Efficiency
logo
List of Unclassifed Man...
FXP830070100C ETC2-FXP830070100C Datasheet
296Kb / 11P
   FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
logo
Taoglas antenna solutio...
FXP830070100C TAOGLAS-FXP830070100C Datasheet
404Kb / 13P
   FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
More results

Similar Description - FXP830240100B

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
FXP830070100C TAOGLAS-FXP830070100C Datasheet
404Kb / 13P
   FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8 GHz Dipole Antenna
FXP830090100C TAOGLAS-FXP830090100C Datasheet
432Kb / 13P
   FXP.830 Freedom Dual Band Wi-Fi 2.4/5.8GHz Dipole Antenna
logo
List of Unclassifed Man...
FXP830070100C ETC2-FXP830070100C Datasheet
296Kb / 11P
   FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
FXP830090100C ETC2-FXP830090100C Datasheet
349Kb / 11P
   FXP.830 Freedom Wi-Fi 2.4/5 GHz Dipole Antenna
logo
Advantech Co., Ltd.
BB-ACH2-DBAT-DP003 ADVANTECH-BB-ACH2-DBAT-DP003 Datasheet
329Kb / 1P
   2.4/5.8 GHz, 5 dBi, Wi-Fi RP-SMA Antenna
logo
World Produts Inc.
WPANT30069-S1A WPI-WPANT30069-S1A Datasheet
195Kb / 3P
   2.4 GHz & 5 GHz Wi-Fi Dual-band Body-mount Antenna
WPANT30069-S1A WPI-WPANT30069-S1A_15 Datasheet
193Kb / 3P
   2.4 GHz & 5 GHz Wi-Fi Dual-band Body-mount Antenna
WPANT30056-RA WPI-WPANT30056-RA Datasheet
76Kb / 2P
   5.8 GHz Wi-Fi Directional Panel Antenna
logo
Taoglas antenna solutio...
FXP832030458D TAOGLAS-FXP832030458D Datasheet
1Mb / 16P
   FXP832 Freedom Wi-Fi 2.4GHz and 4.9-6GHz Dipole Antenna
logo
World Produts Inc.
WPANT30005-SA WPI-WPANT30005-SA Datasheet
251Kb / 4P
   2.4 GHz Wi-Fi Stubby Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com