Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90591PF Datasheet(PDF) 46 Page - Fujitsu Component Limited.

Part # MB90591PF
Description  16-bit Proprietary Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90591PF Datasheet(HTML) 46 Page - Fujitsu Component Limited.

Back Button MB90591PF Datasheet HTML 42Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 43Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 44Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 45Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 46Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 47Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 48Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 49Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 50Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 56 page
background image
MB90590/590G Series
46
(5)Timer Input Timing
(MB90V590A, MB90F594A, MB90594, MB90V590G, MB90F594G, MB90594G :
VCC
= 5.0 V±10 %, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
(MB90F591G, MB90591G, MB90F591A, MB90591 : VCC
= 5.0 V±5 %, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
Parameter
Symbol
Pin name
Condition
Value
Unit
Remarks
Min
Max
Input pulse width
tTIWH
TIN0
4 tCP
ns
Under normal operation
tTIWL
IN0 to IN5
1
µs
In stop mode
SCK
0.8 VCC
tSLSH
0.5 VCC
SOT
0.8 V
2.4 V
tSLOV
SIN
0.5 VCC
0.8 VCC
tIVSH
0.5 VCC
0.8 VCC
tSHIX
0.8 VCC
0.5 VCC
tSHSL
• External Shift Clock Mode
0.5 VCC
0.8 VCC
tTIWH
0.5 VCC
0.8 VCC
tTIWL
• Timer Input Timing


Similar Part No. - MB90591PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591PF FUJITSU-MB90591PF Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90591PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com