Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB90591PF Datasheet(PDF) 43 Page - Fujitsu Component Limited.

Part # MB90591PF
Description  16-bit Proprietary Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

MB90591PF Datasheet(HTML) 43 Page - Fujitsu Component Limited.

Back Button MB90591PF Datasheet HTML 39Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 40Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 41Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 42Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 43Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 44Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 45Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 46Page - Fujitsu Component Limited. MB90591PF Datasheet HTML 47Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 56 page
background image
MB90590/590G Series
43
(2) Reset and Hardware Standby Input
(MB90V590A, MB90F594A, MB90594, MB90V590G, MB90F594G, MB90594G :
VCC
= 5.0 V±10 %, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
(MB90F591G, MB90591G, MB90F591A, MB90591 : VCC
= 5.0 V±5 %, VSS = AVSS = 0.0 V, TA = −40 °C to +85 °C)
*1 : “tcp” represents one cycle time of the machine clock.
No reset can fully initialize the Flash Memory if it is performing the automatic algorithm.
*2 : Oscillation time of oscillator is time that the amplitude reached the 90%.
In the crystal oscillator, the oscillation time is between several ms to tens of ms. In FAR / ceramic oscillator, the
oscillation time is between hundreds of
µs to several ms. In the external clock, the oscillation time is 0 ms.
Parameter
Symbol
Pin name
Value
Unit
Remarks
Min
Max
Reset input time
tRSTL
RST
16 tCP*1
ns
Under normal operation
Oscillation time of
oscillator*2
+ 16 tCP*1
ms
In stop mode
Hardware standby input time
tHSTL
HST
16 tCP*1
ns
Under normal operation
0.2 VCC
RST
HST
tRSTL, tHSTL
0.2 VCC
Under Normal Operation
tRSTL
0.2VCC
0.2VCC
RST
X0
16 tCP
Internal operation clock
Internal reset
Oscillation time of
oscillator
Oscillation setting time
Instruction execution
90
% of
amplitude
In Stop Mode


Similar Part No. - MB90591PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591PF FUJITSU-MB90591PF Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
More results

Similar Description - MB90591PF

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com