Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS07-13704-5E Datasheet(PDF) 10 Page - Fujitsu Component Limited.

Part # DS07-13704-5E
Description  16-bit Proprietary Microcontroller
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

DS07-13704-5E Datasheet(HTML) 10 Page - Fujitsu Component Limited.

Back Button DS07-13704-5E Datasheet HTML 6Page - Fujitsu Component Limited. DS07-13704-5E Datasheet HTML 7Page - Fujitsu Component Limited. DS07-13704-5E Datasheet HTML 8Page - Fujitsu Component Limited. DS07-13704-5E Datasheet HTML 9Page - Fujitsu Component Limited. DS07-13704-5E Datasheet HTML 10Page - Fujitsu Component Limited. DS07-13704-5E Datasheet HTML 11Page - Fujitsu Component Limited. DS07-13704-5E Datasheet HTML 12Page - Fujitsu Component Limited. DS07-13704-5E Datasheet HTML 13Page - Fujitsu Component Limited. DS07-13704-5E Datasheet HTML 14Page - Fujitsu Component Limited. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
MB90590/590G Series
10
(Continued)
No.
Pin name
Circuit type
Function
35
AVRH
Power
supply
Reference voltage input pin for analog circuit
When turning this power supply on or off, always be sure to first apply
electric potential equal to or greater than AVRH to AVCC.
36
AVRL
Power
supply
Reference voltage input pin for analog circuit
49, 50
MD0, MD1
C
Operating mode selection input pins
Connect directly to VCC or VSS.
51
MD2
G
Operating mode selection input pin
Connect directly to VCC or VSS.
27
C
This is the power supply stabilization capacitor pin. It should be con-
nected externally to an 0.1
µF ceramic capacitor.
23, 84
VCC
Power
supply
Power supply (5.0 V) input pin for digital circuit
11,42,81
VSS
Power
supply
Power supply (GND) input pin for digital circuit


Similar Part No. - DS07-13704-5E

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DS0702-R DAICO-DS0702-R Datasheet
40Kb / 1P
   GaAs SP2T
DS0702-T DAICO-DS0702-T Datasheet
42Kb / 1P
   GaAs SP2T
DS0705 DAICO-DS0705 Datasheet
162Kb / 1P
   GaAs SP5T
DS0712 DAICO-DS0712 Datasheet
158Kb / 1P
   GaAs SP2T
logo
MTU Onsite Energy Corpo...
DS0715D5S MTU-DS0715D5S Datasheet
1Mb / 4P
   DIESEL GENERATOR SET air charge -air cooling
More results

Similar Description - DS07-13704-5E

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB90591 FUJITSU-MB90591 Datasheet
714Kb / 51P
   16-bit Proprietary Microcontroller
MB90622A FUJITSU-MB90622A Datasheet
1Mb / 80P
   16-bit Proprietary Microcontroller
MB90632A FUJITSU-MB90632A Datasheet
1Mb / 107P
   16-bit Proprietary Microcontroller
MB90652A FUJITSU-MB90652A Datasheet
1Mb / 120P
   16-bit Proprietary Microcontroller
MB90671 FUJITSU-MB90671 Datasheet
2Mb / 124P
   16-bit Proprietary Microcontroller
MB90F443G FUJITSU-MB90F443G Datasheet
644Kb / 61P
   16-bit Proprietary Microcontroller
MB90223 FUJITSU-MB90223 Datasheet
1Mb / 105P
   16-bit Proprietary Microcontroller
MB90573 FUJITSU-MB90573 Datasheet
2Mb / 135P
   16-bit Proprietary Microcontroller
MB96F348HSBPMC-GSE2 FUJITSU-MB96F348HSBPMC-GSE2 Datasheet
1Mb / 118P
   16-bit Proprietary Microcontroller
MB90550A FUJITSU-MB90550A Datasheet
1Mb / 74P
   16-bit Proprietary Microcontroller
MB90945 FUJITSU-MB90945 Datasheet
700Kb / 68P
   16-bit Proprietary Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com