Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG419BMIL Datasheet(PDF) 3 Page - Vishay Siliconix

Part # DG419BMIL
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG419BMIL Datasheet(HTML) 3 Page - Vishay Siliconix

  DG419BMIL Datasheet HTML 1Page - Vishay Siliconix DG419BMIL Datasheet HTML 2Page - Vishay Siliconix DG419BMIL Datasheet HTML 3Page - Vishay Siliconix DG419BMIL Datasheet HTML 4Page - Vishay Siliconix DG419BMIL Datasheet HTML 5Page - Vishay Siliconix DG419BMIL Datasheet HTML 6Page - Vishay Siliconix DG419BMIL Datasheet HTML 7Page - Vishay Siliconix DG419BMIL Datasheet HTML 8Page - Vishay Siliconix DG419BMIL Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
DG417BMIL, DG418BMIL, DG419BMIL
www.vishay.com
Vishay Siliconix
S12-0496-Rev. B, 05-Mar-12
3
Document Number: 63275
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SPECIFICATIONSa
TEST CONDITIONS
UNLESS OTHERWISE SPECIFIED
V+ = 15 V, V- = - 15 V
VL = 5 V, VIN = 2.4 V, 0.8 Vf
A SUFFIX
- 55 °C to 125 °C
PARAMETER
SYMBOL
TEMP.b
TYP.c
MIN.d
MAX.d
UNIT
Analog Switch
Analog Signal Rangee
VANALOG
Full
- 15
15
V
Drain-Source
On-Resistance
RDS(on)
IS = - 10 mA, VD = ± 12.5 V
V+ = 13.5 V, V - = - 13.5 V
Room
15
25
Full
15
34
Switch Off Leakage
Current
IS(off)
V+ = 16.5, V- = - 16.5 V
VD = ± 15.5 V, VS = ± 15.5 V
Room
- 0.1
- 0.25
0.25
nA
Full
- 0.1
- 20
20
ID(off)
DG417B
Room
- 0.1
- 0.25
0.25
Full
- 0.1
- 20
20
DG418B
Room
- 0.1
- 0.25
0.25
Full
- 0.1
- 20
20
DG419B
Room
- 0.1
- 0.75
0.75
Full
- 0.1
- 60
60
Channel On Leakage
Current
ID(on)
V+ = 16.5 V, V - = - 16.5 V
VS = VD = ± 15.5 V
DG417B
Room
- 0.4
- 0.4
0.4
Full
- 0.4
- 40
40
DG418B
Room
- 0.4
- 0.4
0.4
Full
- 0.4
- 40
40
DG419B
Room
- 0.4
- 0.75
0.75
Full
- 0.4
- 60
60
Digital Control
Input Current, VIN Low
IIL
Full
- 0.5
0.5
μA
Input Current, VIN High
IIH
Full
- 0.5
0.5
Dynamic Characteristics
Turn-On Time
tON
RL = 300 , CL = 35 pF
VS = ± 10 V, see switching time
test circuit
DG417B
Room
62
89
ns
Full
62
106
DG418B
Room
62
89
Full
62
106
Turn-Off Time
tOFF
DG417B
Room
53
80
Full
53
88
DG418B
Room
53
80
Full
53
88
Transition Time
tTRANS
RL = 300 , CL = 35 pF
VS1 = ± 10 V, VS2 = ± 10 V
DG419B
Room
60
87
Full
60
96
Break-Before-Make
Time Delay
tD
RL = 300 , CL = 35 pF
VS1 = VS2 = ± 10 V
DG419B
Room
16
3
Charge Injection
Q
CL = 10 nF, Vgen = 0 V, Rgen = 0 
Room
38
pC
Off Isolatione
OIRR
RL = 50 CL = 5 pF,
f = 1 MHz
Room
- 82
dB
Channel-to-Channel
Crosstalke
XTALK
DG419B
Room
- 88
Source Off
Capacitancee
CS(off)
f = 1 MHz, VS = 0 V
Room
12
pF
Drain Off Capacitancee
CD(off)
DG417B
Room
12
DG418B
Room
12
Channel On
Capacitancee
CD(on)
f = 1 MHz, VS = 0 V
DG417B
Room
50
DG418B
Room
50
DG419B
Room
57


Similar Part No. - DG419BMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG419B VISHAY-DG419B Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG419B VISHAY-DG419B Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG419B VISHAY-DG419B Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG419B VISHAY-DG419B Datasheet
273Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG419BAK VISHAY-DG419BAK Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
More results

Similar Description - DG419BMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com