Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG418BMIL Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG418BMIL
Description  Precision Monolithic Quad SPST CMOS Analog Switches
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG418BMIL Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG418BMIL Datasheet HTML 3Page - Vishay Siliconix DG418BMIL Datasheet HTML 4Page - Vishay Siliconix DG418BMIL Datasheet HTML 5Page - Vishay Siliconix DG418BMIL Datasheet HTML 6Page - Vishay Siliconix DG418BMIL Datasheet HTML 7Page - Vishay Siliconix DG418BMIL Datasheet HTML 8Page - Vishay Siliconix DG418BMIL Datasheet HTML 9Page - Vishay Siliconix DG418BMIL Datasheet HTML 10Page - Vishay Siliconix DG418BMIL Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DG417BMIL, DG418BMIL, DG419BMIL
www.vishay.com
Vishay Siliconix
S12-0496-Rev. B, 05-Mar-12
7
Document Number: 63275
For technical questions, contact: analogswitchtechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Charge Injection vs. Analog Voltage
(Measured at drain pin)
Charge Injection vs. Analog Voltage
(Measured at drain pin)
Charge Injection vs. Analog Voltage
(Measured at source pin)
Charge Injection vs. Analog Voltage
(Measured at source pin)
TEST CIRCUITS
Fig. 2 - Switching Time (DG417B, DG418B)
Analog Voltage (V)
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
120
140
160
180
200
- 15 - 12
- 9
- 6
- 3
0
3
6
9
12
15
V+ = + 12 V
V- = 0 V
V+ = + 12 V
V- = - 12 V
V+ = + 15 V
V- = - 15 V
DG417B
CL =10nF
Analog Voltage (V)
- 200
- 180
- 160
- 140
- 120
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
- 15 - 12
- 9
- 6
- 3
0
3
6
9
12
15
V+=+12 V
V-= -0 V
DG419B
CL =10nF
V+=+15 V
V-= -15 V
V+=+12 V
V-= -12 V
V+ = + 15 V
V- = - 15 V
V+ = + 12 V
V- = 0 V
V+ = + 12 V
V- = - 12 V
DG417B
CL =10nF
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
120
140
160
180
200
- 15 - 12
- 9
- 6
- 3
0
3
6
9
12
15
Analog Voltage (V)
Analog Voltage (V)
- 100
- 80
- 60
- 40
- 20
0
20
40
60
80
100
120
140
160
180
200
- 15 - 12
- 9
- 6
- 3
0
3
6
9
12
15
V+=+12 V
V-= -0 V
DG419B
CL =10nF
V+=+15 V
V-= -15 V
V+=+12 V
V-= -12 V
CL (includes fixture and stray capacitance)
RL
RL + RDS(on)
VO = VS
V-
IN
S
D
CL
35 pF
- 15 V
VL
GND
VO
10 V
V+
RL
300
+ 15 V
+ 5 V
VO is the steady state output with the switch on.
0 V
Logic
Input
Switch
Input
Switch
Output
3 V
50 %
0 V
VO
VS
tr < 5 ns
tf < 5 ns
tOFF
tON
90 %
Note:
Logic input waveform is inverted for switches that have the
opposite logic sense.


Similar Part No. - DG418BMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG418B VISHAY-DG418B Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG418B VISHAY-DG418B Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG418B VISHAY-DG418B Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG418B VISHAY-DG418B Datasheet
273Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG418BAK VISHAY-DG418BAK Datasheet
108Kb / 9P
   Precision CMOS Analog Switches
Rev. B, 11-Aug-03
More results

Similar Description - DG418BMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG417B VISHAY-DG417B_09 Datasheet
345Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
DG1411 VISHAY-DG1411 Datasheet
337Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. B, 02-Dec-13
DG411HS VISHAY-DG411HS_V01 Datasheet
216Kb / 13P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_V01 Datasheet
271Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411_08 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
5962-9073102M2A VISHAY-5962-9073102M2A Datasheet
132Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG417B VISHAY-DG417B_08 Datasheet
163Kb / 10P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. C, 14-May-07
DG1411 VISHAY-DG1411_V01 Datasheet
349Kb / 14P
   Precision Monolithic Quad SPST CMOS Analog Switches
08-Feb-17
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
DG418BDQ-T1 VISHAY-DG418BDQ-T1 Datasheet
350Kb / 16P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 13-Jul-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com