Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DG302AMIL Datasheet(PDF) 7 Page - Vishay Siliconix

Part # DG302AMIL
Description  CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

DG302AMIL Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button DG302AMIL Datasheet HTML 2Page - Vishay Siliconix DG302AMIL Datasheet HTML 3Page - Vishay Siliconix DG302AMIL Datasheet HTML 4Page - Vishay Siliconix DG302AMIL Datasheet HTML 5Page - Vishay Siliconix DG302AMIL Datasheet HTML 6Page - Vishay Siliconix DG302AMIL Datasheet HTML 7Page - Vishay Siliconix DG302AMIL Datasheet HTML 8Page - Vishay Siliconix DG302AMIL Datasheet HTML 9Page - Vishay Siliconix DG302AMIL Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
DG300A_MIL/301A_MIL/302A_MIL
Vishay Siliconix
Document Number: 71677
S-31622—Rev. C, 11-Aug-03
www.vishay.com
7
TEST CIRCUITS
FIGURE 2. Switching Time
VS = 3 V
RL
RL + rDS(on)
VO = VS
CL (includes fixture and stray capacitance)
V-
V+
IN
S
CL
33 pF
D
5 V
RL
300
W
VO
- 15 V
GND
+15 V
50%
90%
0 V
0 V
10%
Logic
Input
Switch
Output
VS
tON
tOFF
Logic “1” = Switch On
FIGURE 3. Break-Before-Make SPDT (DG301A_MIL)
0 V
50%
50%
50%
0 V
0 V
Logic
Input
Switch
Output
Switch
Output
Logic “1” = Switch On
VINH
VS1
VS2
VO1
VO2
tBBM
VO1
S2
S1
D2
RL2
300
W
CL2
33 pF
V+
VO2
VS2 = 3 V
IN
VS1 = 3 V
RL1
300
W
CL1
33 pF
CL (includes fixture and stray capacitance)
V-
D1
- 15 V
GND
+15 V
FIGURE 4. Charge Injection
ON
OFF
ON
INX
VO
DVO
CL
1 nF
3 V
V-
- 15 V
VO
GND
V+
Rg
S
Vg
D
IN
+15 V


Similar Part No. - DG302AMIL

ManufacturerPart #DatasheetDescription
logo
TEMIC Semiconductors
DG302A TEMIC-DG302A Datasheet
97Kb / 10P
   CMOS Analog Switches
logo
Vishay Siliconix
DG302A-MIL VISHAY-DG302A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
logo
TEMIC Semiconductors
DG302AAK TEMIC-DG302AAK Datasheet
97Kb / 10P
   CMOS Analog Switches
DG302AAK/883 TEMIC-DG302AAK/883 Datasheet
97Kb / 10P
   CMOS Analog Switches
logo
Maxim Integrated Produc...
DG302ABK MAXIM-DG302ABK Datasheet
389Kb / 10P
   TTL Compatible CMOS Analog Switches
Rev 1; 6/99
More results

Similar Description - DG302AMIL

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG381B VISHAY-DG381B Datasheet
86Kb / 9P
   CMOS Analog Switches
Rev. A, 22-Jan-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com