Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYM13-XX Datasheet(PDF) 3 Page - Vishay Siliconix

Part # BYM13-XX
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM13-XX Datasheet(HTML) 3 Page - Vishay Siliconix

  BYM13-XX Datasheet HTML 1Page - Vishay Siliconix BYM13-XX Datasheet HTML 2Page - Vishay Siliconix BYM13-XX Datasheet HTML 3Page - Vishay Siliconix BYM13-XX Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BYM13-xx, SGL41-xx
www.vishay.com
Vishay General Semiconductor
Reivision: 13-Aug-13
3
Document Number: 88548
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 3 - Typical Instantaneous Forward Characteristics
Fig. 4 - Typical Reverse Characteristics
Fig. 5 - Typical Junction Capacitance
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1
10
0.1
0.01
100
SGL41-20 to SGL41-40
SGL41-50 and SGL41-60
Pulse Width = 300 µs
1 % Duty Cycle
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
0
20
40
60
80
100
1
10
100
0.1
0.01
0.001
T
J = 125 °C
T
J = 25 °C
T
J = 75 °C
Percent of Rated Peak Reverse Voltage (%)
SGL41-20 to SGL41-40
SGL41-50 and SGL41-60
1
10
100
0.1
1000
100
10
Reverse Voltage (V)
SGL41-20 to SGL41-40
SGL41-50 and SGL41-60
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
DO-213AB
1st band denotes type and positive end (cathode)
1
st Band
Solderable Ends
D2 = D1
+ 0
- 0.008 (0.20)
D2
0.105 (2.67)
0.095 (2.41)
D1 =
0.022 (0.56)
0.018 (0.46)
0.022 (0.56)
0.018 (0.46)
0.205 (5.2)
0.185 (4.7)
Mounting Pad Layout
0.138 (3.5) MAX.
0.049 (1.25) MIN.
0.238 (6.0) REF.
0.118 (3.0) MIN.


Similar Part No. - BYM13-XX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM13-XX VISHAY-BYM13-XX Datasheet
90Kb / 5P
   Surface Mount Schottky Barrier Rectifier
01-Jan-2022
BYM13-XX VISHAY-BYM13-XX_15 Datasheet
78Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Reivision: 13-Aug-13
BYM13-XX VISHAY-BYM13-XX_V01 Datasheet
90Kb / 5P
   Surface Mount Schottky Barrier Rectifier
01-Jan-2022
More results

Similar Description - BYM13-XX

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com