Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BYM13-XX Datasheet(PDF) 1 Page - Vishay Siliconix

Part # BYM13-XX
Description  Surface Mount Schottky Barrier Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BYM13-XX Datasheet(HTML) 1 Page - Vishay Siliconix

  BYM13-XX Datasheet HTML 1Page - Vishay Siliconix BYM13-XX Datasheet HTML 2Page - Vishay Siliconix BYM13-XX Datasheet HTML 3Page - Vishay Siliconix BYM13-XX Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BYM13-xx, SGL41-xx
www.vishay.com
Vishay General Semiconductor
Reivision: 13-Aug-13
1
Document Number: 88548
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount Schottky Barrier Rectifier
FEATURES
•MELF Schottky rectifier
• Ideal for automated placement
• Guardring for overvoltage protection
• Low power losses, high efficiency
• Low forward voltage drop
• High surge capability
• Meets MSL level 1, per J-STD-020, LF maximum peak of
250 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
For
use
in
low
voltage
high
frequency
inverters,
freewheeling, DC/DC converters, and polarity protection
applications
MECHANICAL DATA
Case: DO-213AB
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant, commercial grade
Base P/NHE3 - RoHS-compliant, AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 1A whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: Two bands indicate cathode end 1st band denotes
device type 2nd band denotes voltage type
PRIMARY CHARACTERISTICS
IF(AV)
1.0 A
VRRM
20 V to 60 V
IFSM
30 A
VF
0.50 V, 0.70 V
TJ max.
125 °C, 150 °C
Package
DO-213AB
Diode variations
Single
DO-213AB
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL BYM13-20 BYM13-30 BYM13-40 BYM13-50 BYM13-60 UNIT
DENOTES SCHOTTKY DEVICES: 1st BAND IS
ORANGE
SGL41-20
SGL41-30
SGL41-40
SGL41-50
SGL41-60
Polarity color bands (2nd band) voltage type
Gray
Red
Orange
Yellow
Green
Maximum repetitive peak reverse voltage
VRRM
20
30
40
50
60
V
Maximum RMS voltage
VRMS
14
21
28
35
42
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
V
Maximum average forward rectified current (fig. 1)
IF(AV)
1.0
A
Peak forward surge current 8.3 ms single half
sine-wave superimposed on rated load
IFSM
30
A
Voltage rate of change (rated VR)
dV/dt
10 000
V/μs
Operating junction temperature range
TJ
- 55 to + 125
- 55 to + 150
°C
Storage temperature range
TSTG
- 55 to + 150
°C


Similar Part No. - BYM13-XX

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
BYM13-XX VISHAY-BYM13-XX Datasheet
90Kb / 5P
   Surface Mount Schottky Barrier Rectifier
01-Jan-2022
BYM13-XX VISHAY-BYM13-XX_15 Datasheet
78Kb / 4P
   Surface Mount Schottky Barrier Rectifier
Reivision: 13-Aug-13
BYM13-XX VISHAY-BYM13-XX_V01 Datasheet
90Kb / 5P
   Surface Mount Schottky Barrier Rectifier
01-Jan-2022
More results

Similar Description - BYM13-XX

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
SS12 SSE-SS12 Datasheet
16Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SX32 PANJIT-SX32_04 Datasheet
41Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Sunrise Electr...
SK12 SSE-SK12 Datasheet
17Kb / 1P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
GOOD-ARK Electronics
SK22 GOOD-ARK-SK22 Datasheet
182Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Comchip Technology
CDBV120 COMCHIP-CDBV120 Datasheet
217Kb / 2P
   Surface Mount Schottky Barrier Rectifier
logo
Diotech Company.
SK52C DIOTECH-SK52C Datasheet
756Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
EIC discrete Semiconduc...
SKN0 EIC-SKN0_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SK52 EIC-SK52_05 Datasheet
97Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SS12F PANJIT-SS12F Datasheet
258Kb / 3P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Shenzhen Taychipst Elec...
S510B TAYCHIPST-S510B Datasheet
8Mb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com