Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSP56852 Datasheet(PDF) 11 Page - Motorola, Inc

Part # DSP56852
Description  DSP56852 16-bit Digital Signal Processor
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

DSP56852 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button DSP56852 Datasheet HTML 7Page - Motorola, Inc DSP56852 Datasheet HTML 8Page - Motorola, Inc DSP56852 Datasheet HTML 9Page - Motorola, Inc DSP56852 Datasheet HTML 10Page - Motorola, Inc DSP56852 Datasheet HTML 11Page - Motorola, Inc DSP56852 Datasheet HTML 12Page - Motorola, Inc DSP56852 Datasheet HTML 13Page - Motorola, Inc DSP56852 Datasheet HTML 14Page - Motorola, Inc DSP56852 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
Introduction
DSP56852 Technical Data
11
Preliminary
C4
MISO
GPIOC4
SRCK
Input/Output
Input/Output
Input/Output
SPI Master In/Slave Out (MISO)—This serial data pin is an
input to a master device and an output from a slave device.
The MISO line of a slave device is placed in the high-
impedance state if the slave device is not selected.
Port C GPIO (4)—This pin is a General Purpose I/O (GPIO)
pin that can individually be programmed as input or output
pin.
SSI Serial Receive Clock (SRCK)—This bidirectional pin
provides the serial bit rate clock for the receive section of the
SSI. The clock signal can be continuous or gated.
C5
MOSI
GPIOC5
SRFS
Input/
Output (Z)
Input/Output
Input/Output
SPI Master Out/Slave In (MOSI)—This serial data pin is an
output from a master device and an input to a slave device.
The master device places data on the MOSI line a half-cycle
before the clock edge that the slave device uses to latch the
data.
Port C GPIO (5)—This pin is a General Purpose I/O (GPIO)
pin that can individually be programmed as input or output
pin.
SSI Serial Receive Frame Sync (SRFS)— This
bidirectional pin is used to count the number of words in a
frame while receiving. A programmable frame rate divider
and a word length divider are used for frame rate sync signal
generation.
A1
IRQA
Input
External Interrupt Request A (IRQA)—The IRQA Schmitt
trigger input is a synchronized external interrupt request that
indicates that an external device is requesting service. It can
be programmed to be level-sensitive or negative-edge-
triggered.
C2
IRQB
Input
External Interrupt Request B (IRQB)—The IRQB Schmitt
trigger input is an external interrupt request that indicates
that an external device is requesting service. It can be
programmed to be level-sensitive or negative-edge-
triggered.
A6
EXTAL
Input
External Crystal Oscillator Input (EXTAL)—This input
should be connected to an external crystal. If an external
clock source other than a crystal oscillator is used, EXTAL
must be tied off.
A7
XTAL
Input/Output
Crystal Oscillator Output (XTAL)—This output connects
the internal crystal oscillator output to an external crystal. If
an external clock source other than a crystal oscillator is
used, XTAL must be used as the input.
Table 3. DSP56852 Signal and Package Information for the 81-pin MAPBGA
Pin No.
Signal Name
Type
Description
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - DSP56852

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
DSP56852 FREESCALE-DSP56852 Datasheet
1Mb / 48P
   16-bit Digital Signal Controllers
logo
NXP Semiconductors
DSP56852 NXP-DSP56852 Datasheet
1Mb / 48P
   16-bit Digital Signal Controllers
Rev. 8 01/2007
logo
Freescale Semiconductor...
DSP56852E FREESCALE-DSP56852E Datasheet
1Mb / 48P
   16-bit Digital Signal Controllers
DSP56852UM FREESCALE-DSP56852UM Datasheet
74Kb / 2P
   Feature Phone Software Application Product Brief
DSP56852UM FREESCALE-DSP56852UM Datasheet
1Mb / 48P
   16-bit Digital Signal Controllers
More results

Similar Description - DSP56852

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
56F8357 MOTOROLA-56F8357 Datasheet
1Mb / 160P
   16-bit Digital Signal Processor
logo
Freescale Semiconductor...
DSP56603 FREESCALE-DSP56603 Datasheet
247Kb / 4P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F801 MOTOROLA-DSP56F801 Datasheet
343Kb / 40P
   16-bit Digital Signal Processor
DSP56156 MOTOROLA-DSP56156 Datasheet
1,020Kb / 76P
   16-bit Digital Signal Processor
logo
Zilog, Inc.
Z89390 ZILOG-Z89390 Datasheet
74Kb / 11P
   16-BIT DIGITAL SIGNAL PROCESSOR
Z89C00 ZILOG-Z89C00 Datasheet
179Kb / 28P
   16-BIT DIGITAL SIGNAL PROCESSOR
logo
Motorola, Inc
DSP56F802 MOTOROLA-DSP56F802 Datasheet
386Kb / 32P
   DSP56F802 16-bit Digital Signal Processor
DSP56824DS MOTOROLA-DSP56824DS Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
logo
Zilog, Inc.
Z89320 ZILOG-Z89320 Datasheet
77Kb / 7P
   16-BIT DSP DIGITAL SIGNAL PROCESSOR
logo
NXP Semiconductors
DSP56824 NXP-DSP56824 Datasheet
1Mb / 62P
   DSP56824 16-Bit Digital Signal Processor
Rev. 2.0, 01/2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com