Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C1206H124M2GALT100 Datasheet(PDF) 6 Page - Kemet Corporation

Part # C1206H124M2GALT100
Description  Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

C1206H124M2GALT100 Datasheet(HTML) 6 Page - Kemet Corporation

Back Button C1206H124M2GALT100 Datasheet HTML 2Page - Kemet Corporation C1206H124M2GALT100 Datasheet HTML 3Page - Kemet Corporation C1206H124M2GALT100 Datasheet HTML 4Page - Kemet Corporation C1206H124M2GALT100 Datasheet HTML 5Page - Kemet Corporation C1206H124M2GALT100 Datasheet HTML 6Page - Kemet Corporation C1206H124M2GALT100 Datasheet HTML 7Page - Kemet Corporation C1206H124M2GALT100 Datasheet HTML 8Page - Kemet Corporation C1206H124M2GALT100 Datasheet HTML 9Page - Kemet Corporation C1206H124M2GALT100 Datasheet HTML 10Page - Kemet Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
© KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com
C1001_C0G_200C_SMD • 7/23/2014
6
Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
High Temperature (200°C), C0G Dielectric, 10 – 200 VDC (Industrial Grade)
Table 1B – Capacitance Range/Selection Waterfall (1210 – 2220 Case Sizes)
*Capacitance range Includes E24 decade values only. (i.e., 10, 11, 12, 13, 15, 16, 18, 20, 22, 24, 27, 30, 33, 36, 39, 43, 47, 51, 56, 62, 68, 75, 82 and 91)
KEMET reserves the right to substitute product with an improved temperature characteristic, tighter capacitance tolerance and/or higher voltage capability within
the same form factor (configuration and dimensions).
These products are protected under US Patents 7,172,985 and 7,670,981, other patents pending, and any foreign counterparts..
Capacitance
Cap
Code
Case Size / Series
C1210H
C1812H
C2220H
Voltage Code
8
4
3
5
1
2
8
4
3
5
1
2
8
4
3
5
1
2
Rated Voltage (VDC)
Capacitance Tolerance
Product Availability and Chip Thickness Codes
See Table 2 for Chip Thickness Dimensions
1.0 - 9.1 pF*
109 - 919*
B
C
D
FB FB FB FB FB FB
10 - 91 pF*
100 - 910*
F
G
J
K
M FB FB FB FB FB FB
100 - 910 pF*
101 - 911*
F
G
J
K
M FB FB FB FB FB FB
1,000 pF
102
F
G
J
K
M FB FB FB FB FB FB
1,100 pF
112
F
G
J
K
M FB FB FB FB FB FB
1,200 pF
122
F
G
J
K
M FB FB FB FB FB FB
1,300 pF
132
F
G
J
K
M FB FB FB FB FB FC
1,500 pF
152
F
G
J
K
M FB FB FB FB FB FE
1,600 pF
162
F
G
J
K
M FB FB FB FB FB FE
1,800 pF
182
F
G
J
K
M FB FB FB FB FB FE
2,000 pF
202
F
G
J
K
M FB FB FB FB FC FE
2,200 pF
222
F
G
J
K
M FB FB FB FB FC FG
2,400 pF
242
F
G
J
K
M FB FB FB FB FC FC
2,700 pF
272
F
G
J
K
M FB FB FB FB FC FC
3,000 pF
302
F
G
J
K
M FB FB FB FB FC FF
3,300 pF
332
F
G
J
K
M FB FB FB FB
FF
FF
3,600 pF
362
F
G
J
K
M FB FB FB FB
FF
FF
3,900 pF
392
F
G
J
K
M FB FB FB FB
FF
FF
4,300 pF
432
F
G
J
K
M FB FB FB FB
FF
FF
4,700 pF
472
F
G
J
K
M FF
FF
FF
FF FG FG
5,100 pF
512
F
G
J
K
M FB FB FB FB FG FG
5,600 pF
562
F
G
J
K
M FB FB FB FB FG FG
6,200 pF
622
F
G
J
K
M FB FB FB FB FG
6,800 pF
682
F
G
J
K
M FB FB FB FB FG
7,500 pF
752
F
G
J
K
M FC FC FC FC FC
8,200 pF
822
F
G
J
K
M FC FC FC FC FC
9,100 pF
912
F
G
J
K
M FE FE FE FE FE
10,000 pF
103
F
G
J
K
M FF
FF
FF
FF
FF
12,000 pF
123
F
G
J
K
M FG FG FG FG FB
15,000 pF
153
F
G
J
K
M FG FG FG FG FB
GB GB GB GB GB
18,000 pF
183
F
G
J
K
M FB FB FB FB FB
GB GB GB GB GB
22,000 pF
223
F
G
J
K
M FB FB FB FB FB
GB GB GB GB GB
27,000 pF
273
F
G
J
K
M FB FB FB FB FB
GB GB GB GB GB
33,000 pF
333
F
G
J
K
M FB FB FB FB FB
GB GB GB GB GB
47,000 pF
473
F
G
J
K
M FB FB FB FB FE
GB GB GB GB GB
56,000 pF
563
F
G
J
K
M FB FB FB FB
FF
GB GB GB GB GB
68,000 pF
683
F
G
J
K
M FB FB FB FC FG
GB GB GB GB GB
82,000 pF
823
F
G
J
K
M FC FC FC FF FH
GB GB GB GB GB
0.10 µF
104
F
G
J
K
M FE FE FE FG FM
GB GB GB GB GD
0.12 µF
124
F
G
J
K
M FG FG FG FH
GB GB GB GB GH
0.15 µF
154
F
G
J
K
M FH FH FH FM
GD GD GD GD GN
0.18 µF
184
F
G
J
K
M
GH GH GH GH
0.22 µF
224
F
G
J
K
M
GK GK GK GK
0.47 µF
474
F
G
J
K
M
JJ
JJ
JJ
JJ
Capacitance
Cap Code
Rated Voltage (VDC)
Voltage Code
8
4
3
5
1
2
8
4
3
5
1
2
8
4
3
5
1
2
Case Size / Series
C1210H
C1812H
C2220H


Similar Part No. - C1206H124M2GALT100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C1206H124M1GACTU KEMET-C1206H124M1GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
C1206H124M3GACTU KEMET-C1206H124M3GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
C1206H124M4GACTU KEMET-C1206H124M4GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
C1206H124M5GACTU KEMET-C1206H124M5GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
C1206H124M6GACTU KEMET-C1206H124M6GACTU Datasheet
538Kb / 6P
   Surface Mount Ceramic Chip Capacitors High Temperature 200쨘C C0G MLCC
More results

Similar Description - C1206H124M2GALT100

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C0805C102K5RAC7800 KEMET-C0805C102K5RAC7800 Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C2824H393KUGWCTU KEMET-C2824H393KUGWCTU Datasheet
1Mb / 17P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0805C225M4RACAUTO KEMET-C0805C225M4RACAUTO Datasheet
1Mb / 23P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C332JCGACTU KEMET-C1210C332JCGACTU Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C333K5RACTU KEMET-C0603C333K5RACTU Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C470J5GACAUTO KEMET-C0603C470J5GACAUTO Datasheet
1Mb / 19P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C0603C104J3RECAUTO KEMET-C0603C104J3RECAUTO Datasheet
1Mb / 18P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1206X106K4RACAUTO KEMET-C1206X106K4RACAUTO Datasheet
1Mb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1003_C0G_SMD KEMET-C1003_C0G_SMD Datasheet
871Kb / 22P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
8/21/2023
C0805C226M9PACTU KEMET-C0805C226M9PACTU Datasheet
1Mb / 20P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
C1210C225K1RAC KEMET-C1210C225K1RAC Datasheet
1Mb / 24P
   Surface Mount Multilayer Ceramic Chip Capacitors (SMD MLCCs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com