Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DS_K6F8016U6C Datasheet(PDF) 2 Page - Samsung semiconductor

Part No. DS_K6F8016U6C
Description  512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

DS_K6F8016U6C Datasheet(HTML) 2 Page - Samsung semiconductor

  DS_K6F8016U6C Datasheet HTML 1Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 2Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 3Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 4Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 5Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 6Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 7Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 8Page - Samsung semiconductor DS_K6F8016U6C Datasheet HTML 9Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
K6F8016U6C Family
Revision 0.0
May 2003
2
CMOS SRAM
Preliminary
512K x 16 bit Super Low Power and Low Voltage Full CMOS Static RAM
GENERAL DESCRIPTION
The K6F8016U6C families are fabricated by SAMSUNG
′s
advanced full CMOS process technology. The families support
industrial operating temperature ranges and have chip scale
package for user flexibility of system design. The families also
support low data retention voltage for battery back-up operation
with low data retention current.
FEATURES
• Process Technology: Full CMOS
• Organization: 512K x16
• Power Supply Voltage: 2.7~3.3V
• Low Data Retention Voltage: 1.5V(Min)
• Three State Outputs
• Package Type: 48-FBGA-6.00x7.00
Name
Function
Name
Function
CS1, CS2
Chip Select Inputs
Vcc
Power
OE
Output Enable Input
Vss
Ground
WE
Write Enable Input
UB
Upper Byte(I/O9~16)
A0~A18
Address Inputs
LB
Lower Byte(I/O1~8)
I/O1~I/O16 Data Inputs/Outputs
DNU
Do Not Use
PRODUCT FAMILY
1. The parameter is measured with 30pF test load.
2. Typical values are measured at VCC=3.0V, TA=25
°C and not 100% tested
Product Family
Operating Temperature
Vcc Range
Speed
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1, Max)
K6F8016U6C-F
Industrial(-40~85
°C)
2.7~3.3V
551)/70ns
4µA2)
4mA
48-FBGA-6.00x7.00
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
FUNCTIONAL BLOCK DIAGRAM
Clk gen.
Row
select
I/O1~I/O8
Data
cont
Data
cont
Data
cont
I/O9~I/O16
Vcc
Vss
Precharge circuit.
Memory array
1024 rows
512
×16 columns
I/O Circuit
Column select
PIN DESCRIPTION
48 ball FBGA - Top View(Ball Down)
LB
OE
A0
A1
A2
CS2
I/O9
UB
A3
A4
CS1
I/O1
I/O10
I/O11
A5
A6
I/O2
I/O3
Vss
I/O12
A17
A7
I/O4
Vcc
Vcc
I/O13
Vss
A16
I/O5
Vss
I/O15
I/O14
A14
A15
I/O6
I/O7
I/O16
DNU
A12
A13
WE
I/O8
A18
A8
A9
A10
A11
DNU
1
2
3
4
5
6
A
B
C
D
E
F
G
H
WE
OE
UB
CS1
LB
Control Logic
CS2
Row
Addresses
Column Addresses


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn