Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K6F2008U2E-YF55 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # K6F2008U2E-YF55
Description  256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K6F2008U2E-YF55 Datasheet(HTML) 2 Page - Samsung semiconductor

  K6F2008U2E-YF55 Datasheet HTML 1Page - Samsung semiconductor K6F2008U2E-YF55 Datasheet HTML 2Page - Samsung semiconductor K6F2008U2E-YF55 Datasheet HTML 3Page - Samsung semiconductor K6F2008U2E-YF55 Datasheet HTML 4Page - Samsung semiconductor K6F2008U2E-YF55 Datasheet HTML 5Page - Samsung semiconductor K6F2008U2E-YF55 Datasheet HTML 6Page - Samsung semiconductor K6F2008U2E-YF55 Datasheet HTML 7Page - Samsung semiconductor K6F2008U2E-YF55 Datasheet HTML 8Page - Samsung semiconductor K6F2008U2E-YF55 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Revision 2.0
CMOS SRAM
K6F2008U2E Family
2
April 2002
256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
GENERAL DESCRIPTION
The K6F2008U2E families are fabricated by SAMSUNG
′s
advanced Full CMOS process technology. The families support
various operating temperature ranges and have various pack-
age types for user flexibility of system design. The families also
supports low data retention voltage for battery back-up opera-
tion with low data retention current.
FEATURES
• Process Technology: Full CMOS
• Organization: 256Kx8
• Power Supply Voltage: 2.7~3.3V
• Low Data Retention Voltage: 1.5V(Min)
• Three State Outputs
• Package Type: 32-TSOP1-0813.4F, 48(36)-TBGA-6.00x7.00
PRODUCT FAMILY
1. The parameter is measured with 30pF test load.
2. Typical values are measured at VCC=3.0V, TA=25
°C and not 100% tested.
Product Family
Operating Temperature
Vcc Range
Speed(ns)
Power Dissipation
PKG Type
Standby
(ISB1, Typ.)
Operating
(ICC1, Max)
K6F2008U2E-F
Industrial(-40~85
°C)
2.7~3.3V
551)/70ns
0.5
µA2)
2mA
32-TSOP1-0813.4F
48(36)-TBGA-6.00x7.00
SAMSUNG ELECTRONICS CO., LTD. reserves the right to change products and specifications without notice.
PIN DESCRIPTION
Name
Function
Name
Function
CS1, CS2 Chip Select Input
I/O1~I/O8 Data Inputs/Outputs
OE
Output Enable
Vcc
Power
WE
Write Enable Input
Vss
Ground
A0~A17
Address Inputs
FUNCTIONAL BLOCK DIAGRAM
Precharge circuit.
Memory array
1024 rows
256x8 columns
I/O Circuit
Column select
Clk gen.
Row
select
I/O1
Data
cont
Data
cont
I/O8
CS1
CS2
WE
OE
Control
logic
Address
A11
A9
A8
A13
WE
CS2
A15
VCC
A17
A16
A14
A12
A7
A6
A5
A4
OE
A10
CS1
I/O8
I/O7
I/O6
I/O5
I/O4
VSS
I/O3
I/O2
I/O1
A0
A1
A2
A3
32-sTSOP
Type1-Forward
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
A0
A1
CS2
A3
A6
A8
I/O5
A2
WE
A4
A7
I/O1
I/O6
DNU
A5
I/O2
VSS
VCC
VCC
VSS
I/O7
DNU
A17
I/O3
I/O8
OE
CS1
A16
A15
I/O4
A9
A10
A11
A12
A13
A14
1
2
3
4
5
6
A
B
C
D
E
F
G
H
48(36)-TBGA


Similar Part No. - K6F2008U2E-YF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2008S2E SAMSUNG-K6F2008S2E Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008S2E-F SAMSUNG-K6F2008S2E-F Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008T2E SAMSUNG-K6F2008T2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008T2E-F SAMSUNG-K6F2008T2E-F Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008T2E-YF55 SAMSUNG-K6F2008T2E-YF55 Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results

Similar Description - K6F2008U2E-YF55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K6F2008V2E SAMSUNG-K6F2008V2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008S2E SAMSUNG-K6F2008S2E Datasheet
130Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F2008T2E SAMSUNG-K6F2008T2E Datasheet
134Kb / 9P
   256Kx8 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6T2008V2A SAMSUNG-K6T2008V2A Datasheet
194Kb / 10P
   256Kx8 bit Low Power and Low Voltage CMOS Static RAM
K6F4016U4G SAMSUNG-K6F4016U4G Datasheet
173Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016U6G SAMSUNG-K6F4016U6G Datasheet
180Kb / 9P
   256Kx16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F8016V3A SAMSUNG-K6F8016V3A Datasheet
146Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
K6F4016R4E SAMSUNG-K6F4016R4E Datasheet
119Kb / 9P
   256K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F8016U6B SAMSUNG-DS_K6F8016U6B Datasheet
157Kb / 9P
   512K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
DS_K6F2016U4E SAMSUNG-DS_K6F2016U4E Datasheet
158Kb / 9P
   128K x16 bit Super Low Power and Low Voltage Full CMOS Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com