Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY67023-396LF Datasheet(PDF) 2 Page - Skyworks Solutions Inc.

Part # SKY67023-396LF
Description  2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67023-396LF Datasheet(HTML) 2 Page - Skyworks Solutions Inc.

  SKY67023-396LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY67023-396LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY67023-396LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY67023-396LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY67023-396LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY67023-396LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67023-396LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67023-396LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67023-396LF Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
DATA SHEET • SKY67023-396LF: HIGH LINEARITY, ACTIVE BIAS LNA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
2
November 2, 2016 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • 202678B
Table 1. SKY67023-396LF Signal Descriptions
Pin
Name
Description
Pin
Name
Description
1
N/C
No connection. May be connected to ground with no
change in performance.
5
N/C
No connection. May be connected to ground with
no change in performance.
2
RFIN
RF input. DC blocking capacitor required.
6
ENABLE
Enable pin. Active “low” (0 V) = amplifier on state.
3
VBIAS
Bias for 1st stage amplifier. External resistor sets
current consumption.
7
RFOUT/VDD
RF output. Apply VDD through RF choke inductor.
DC blocking capacitor required.
4
N/C
No connection. May be connected to ground with no
change in performance.
8
N/C
No connection. May be connected to ground with
no change in performance.
Table 2. SKY67023-396LF Absolute Maximum Ratings1
Parameter
Symbol
Minimum
Typical
Maximum
Units
Supply voltage
VDD
5.0
5.5
V
RF input power
PIN
+20
dBm
Channel temperature
TCH
+150
C
Thermal resistance (@ 5 V bias)
ΘJC
62.2
C/W
Storage temperature
TSTG
–65
+25
+150
C
Operating temperature
TA
–55
+25
+100
C
Electrostatic discharge:
Charged Device Model (CDM), Class 4
Human Body Model (HBM), Class 1A
Machine Model (MM), Class A
ESD
1000
250
30
V
V
V
1 Exposure to maximum rating conditions for extended periods may reduce device reliability. There is no damage to device with only one parameter set at the limit and all other parameters
set at or below their nominal value. Exceeding any of the limits listed here may result in permanent damage to the device.
ESD HANDLING: Although this device is designed to be as robust as possible, electrostatic discharge (ESD) can damage this device.
This device must be protected at all times from ESD when handling or transporting. Static charges may easily produce
potentials of several kilovolts on the human body or equipment, which can discharge without detection.
Industry-standard ESD handling precautions should be used at all times.
Electrical and Mechanical Specifications
The absolute maximum ratings of the SKY67023-396LF are
provided in Table 2. Electrical specifications are provided in
Table 3.
Typical performance characteristics of the SKY67023-396LF are
illustrated in Figures 3 through 25.
Table 4 provides noise source pull information versus frequency.


Similar Part No. - SKY67023-396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67021-396LF SKYWORKS-SKY67021-396LF Datasheet
2Mb / 15P
   0.6 to 1.2 GHz High-Linearity, Active-Bias Low-Noise Amplifier
SKY67022-396LF SKYWORKS-SKY67022-396LF Datasheet
1Mb / 14P
   1.6 to 2.2 GHz High Linearity, Active Bias Low-Noise Amplifier
SKY67022-396LF-EVB SKYWORKS-SKY67022-396LF-EVB Datasheet
1Mb / 14P
   1.6 to 2.2 GHz High Linearity, Active Bias Low-Noise Amplifier
More results

Similar Description - SKY67023-396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67021-396LF SKYWORKS-SKY67021-396LF Datasheet
2Mb / 15P
   0.6 to 1.2 GHz High-Linearity, Active-Bias Low-Noise Amplifier
SKY67022-396LF SKYWORKS-SKY67022-396LF Datasheet
1Mb / 14P
   1.6 to 2.2 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8 AVAGO-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY67110-396LF SKYWORKS-SKY67110-396LF Datasheet
1Mb / 15P
   0.30-0.75 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com