Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY67022-396LF Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # SKY67022-396LF
Description  1.6 to 2.2 GHz High Linearity, Active Bias Low-Noise Amplifier
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SKY67022-396LF Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button SKY67022-396LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY67022-396LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY67022-396LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY67022-396LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY67022-396LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY67022-396LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY67022-396LF Datasheet HTML 9Page - Skyworks Solutions Inc. SKY67022-396LF Datasheet HTML 10Page - Skyworks Solutions Inc. SKY67022-396LF Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
DATA SHEET • SKY67022-396LF: HIGH LINEARITY, ACTIVE BIAS LNA
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
202674B • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • November 2, 2016
7
Load
Swept F1 Load Gamma Pull
Freq = 1.8000 GHz
ΓSource: 0.3731< 153.65
Gt
max = 18.53 dB
at 0.3874< 170.44
5 contours, 1.00 dB step
(14.00 to 18.00 dB)
Ip3
max = 42.04 dBm
at 0.2655< -70.41
5 contours, 0.50 dBm step
(40.00 to 42.00 dBm)
Specs: OFF
Label:
OIP3_SKY67022_1800MHz_5V_95mA
Figure 20. Load Pull, @ 5 V and 95 mA
Table 4. Noise Parameters vs Frequency (5 V, 95 mA)
Frequency
(GHz)
Minimum Noise
Figure (FMIN)
(dB)
Noise Resistance
(RN)
(
Ω)
Γopt
Associated Gain
(dB)
Maximum Gain
(GMAX)
(dB)
Magnitude
Phase
0.80
0.3943
0.0568
0.2238
87.63
24.5523
25.2847
0.84
0.4094
0.0471
0.2306
92.18
24.1907
24.8043
0.89
0.3536
0.0471
0.2612
96.64
23.7780
24.2572
1.20
0.4557
0.0492
0.2812
109.80
21.3562
21.5950
1.42
0.4733
0.0372
0.3975
129.07
20.0944
20.1705
1.52
0.5374
0.0445
0.3073
133.12
19.5423
19.6000
1.76
0.6205
0.0379
0.3401
148.53
18.3915
18.3948
1.84
0.6403
0.0360
0.3616
156.51
18.0381
18.0424
1.92
0.6477
0.0336
0.3760
158.03
17.6947
17.7022
1.98
0.7190
0.0339
0.3614
159.47
17.4468
17.4548
2.00
0.7497
0.0398
0.3744
161.91
17.3564
17.3731
2.38
0.8417
0.0321
0.4238
174.63
15.8965
15.9979
2.48
0.8800
0.0340
0.4230
179.22
15.541
15.6796
2.52
0.9242
0.0332
0.4217
–176.79
15.3704
15.5535
2.60
0.9003
0.0368
0.4334
–179.03
15.1584
15.3139
3.00
1.0519
0.0413
0.5207
–153.49
13.4396
14.2395


Similar Part No. - SKY67022-396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67021-396LF SKYWORKS-SKY67021-396LF Datasheet
2Mb / 15P
   0.6 to 1.2 GHz High-Linearity, Active-Bias Low-Noise Amplifier
SKY67023-396LF SKYWORKS-SKY67023-396LF Datasheet
2Mb / 16P
   2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
SKY67023-396LF-EVB SKYWORKS-SKY67023-396LF-EVB Datasheet
2Mb / 16P
   2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
More results

Similar Description - SKY67022-396LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY67021-396LF SKYWORKS-SKY67021-396LF Datasheet
2Mb / 15P
   0.6 to 1.2 GHz High-Linearity, Active-Bias Low-Noise Amplifier
SKY67023-396LF SKYWORKS-SKY67023-396LF Datasheet
2Mb / 16P
   2.0 to 3.0 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-631P8-TR1G AVAGO-MGA-631P8-TR1G Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Broadcom Corporation.
MGA-631P8 BOARDCOM-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-632P8 AVAGO-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
MGA-631P8 AVAGO-MGA-631P8 Datasheet
293Kb / 18P
   Low Noise, High Linearity, Active Bias Low Noise Amplifier
logo
Skyworks Solutions Inc.
SKY67110-396LF SKYWORKS-SKY67110-396LF Datasheet
1Mb / 15P
   0.30-0.75 GHz High Linearity, Active Bias Low-Noise Amplifier
logo
Broadcom Corporation.
MGA-632P8 BOARDCOM-MGA-632P8 Datasheet
631Kb / 18P
   Low Noise, High Linearity Active Bias Low Noise Amplifier
DEMO-MGA-633P8 BOARDCOM-DEMO-MGA-633P8 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
logo
AVAGO TECHNOLOGIES LIMI...
MGA-633P8 AVAGO-MGA-633P8_15 Datasheet
434Kb / 14P
   Ultra Low Noise, High Linearity Active Bias Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com