Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PA26A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # PA26A
Description  Anam LTE Ceramic SMT Antenna
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

PA26A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  PA26A Datasheet HTML 1Page - Taoglas antenna solutions PA26A Datasheet HTML 2Page - Taoglas antenna solutions PA26A Datasheet HTML 3Page - Taoglas antenna solutions PA26A Datasheet HTML 4Page - Taoglas antenna solutions PA26A Datasheet HTML 5Page - Taoglas antenna solutions PA26A Datasheet HTML 6Page - Taoglas antenna solutions PA26A Datasheet HTML 7Page - Taoglas antenna solutions PA26A Datasheet HTML 8Page - Taoglas antenna solutions PA26A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
SPE-16-8-062/B/WY
Page 3 of 22
2. Specification Table
ELECTRICAL
STANDARD
4G/3G/2G
Operation
Frequency
(MHz)
LTE
GSM850
GSM900
DCS
PCS
UMTS1
LTE
LTE 2600
698-
824
824-894
880-960
1710-
1880
1850-1990
1920-2170
2300-2400
2500-2700
Peak Gain
(dBi)
1.13
1.79
1.87
3.71
3.04
2.43
3.86
2.75
Average Gain
(dBi)
-4.34
-1.30
-1.45
-1.93
-2.99
-3.08
-1.95
-2.92
Efficiency
(%)
40.83
74.14
71.55
64.37
50.37
49.28
63.98
51.55
VSWR
<3.5:1
Impedance
50Ω
Polarization
Linear
Radiation
Properties
Omnidirectional
Max Input
Power
5 W
The antenna was tested on a 110*40mm ground plane and covered by 2mm thick ABS plastic.
Actual Antenna Electrical performance will depend on customer ground plane size.
MECHANICAL
Dimensions
35*5*6mm
Material
Ceramic
Termination
Ag (environmental-friendly Pb free)
Weight
3g
EVB Connector
SMA(F)
ENVIRONMENTAL
Operation Temperature
-40°C to 85°C
Storage Temperature
-40°C to 105°C
Relative Humidity
Non-condensing 65°C 95% RH
RoHs Compliant
Yes


Similar Part No. - PA26A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PA26 ETC-PA26 Datasheet
84Kb / 5P
   POWER DUAL OPERATIONAL AMPLIFIERS
logo
Pulse A Technitrol Comp...
PA2607.121NL PULSE-PA2607.121NL Datasheet
487Kb / 2P
   Power Beads - PA2607NL and PA2607AHL Series
PA2607.121NL PULSE-PA2607.121NL Datasheet
564Kb / 3P
   SMT Power Inductor
PA2607.151NL PULSE-PA2607.151NL Datasheet
487Kb / 2P
   Power Beads - PA2607NL and PA2607AHL Series
PA2607.151NL PULSE-PA2607.151NL Datasheet
564Kb / 3P
   SMT Power Inductor
More results

Similar Description - PA26A

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
PA.25A TAOGLAS-PA.25A_17 Datasheet
1Mb / 17P
   Anam Hexa-Band Cellular SMT Antenna
PA25A TAOGLAS-PA25A Datasheet
1Mb / 17P
   Anam Hexa-Band Cellular SMT Antenna
logo
Molex Electronics Ltd.
PS-146200-001 MOLEX-PS-146200-001 Datasheet
322Kb / 5P
   Full LTE SMT Antenna
2016/02/22
logo
World Produts Inc.
WPANT10083 WPI-WPANT10083 Datasheet
99Kb / 2P
   4G / LTE Cellular SMT Embedded Antenna
WPANT10084 WPI-WPANT10084 Datasheet
56Kb / 2P
   4G / LTE Cellular SMT Embedded Antenna
logo
Abracon Corporation
ACAR4008-S698 ABRACON-ACAR4008-S698 Datasheet
862Kb / 9P
   4G/LTE Ceramic Chip Antenna
06.03.2019
ACAR3705-S698 ABRACON-ACAR3705-S698 Datasheet
1Mb / 9P
   4G/LTE Ceramic Chip Antenna
11.09.2018
logo
Taoglas antenna solutio...
PA710A-1 TAOGLAS-PA710A-1 Datasheet
1Mb / 21P
   Ultra Wideband LTE/Cellular/CDMA SMT Antenna
logo
TE Connectivity Ltd
C-2118903 TEC-C-2118903 Datasheet
154Kb / 1P
   ANTENNA, LTE
logo
Unictron Technologies C...
H2UE3P2D2G0100 UNICTRON-H2UE3P2D2G0100 Datasheet
1Mb / 22P
   LTE Full-Band Ceramic Chip Antenna
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com