Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MA1060ALBCT001 Datasheet(PDF) 2 Page - Taoglas antenna solutions

Part # MA1060ALBCT001
Description  Raptor I MA1060 Sharkfin 4in1 Next Generation
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MA1060ALBCT001 Datasheet(HTML) 2 Page - Taoglas antenna solutions

  MA1060ALBCT001 Datasheet HTML 1Page - Taoglas antenna solutions MA1060ALBCT001 Datasheet HTML 2Page - Taoglas antenna solutions MA1060ALBCT001 Datasheet HTML 3Page - Taoglas antenna solutions MA1060ALBCT001 Datasheet HTML 4Page - Taoglas antenna solutions MA1060ALBCT001 Datasheet HTML 5Page - Taoglas antenna solutions MA1060ALBCT001 Datasheet HTML 6Page - Taoglas antenna solutions MA1060ALBCT001 Datasheet HTML 7Page - Taoglas antenna solutions MA1060ALBCT001 Datasheet HTML 8Page - Taoglas antenna solutions MA1060ALBCT001 Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
SPE-16-8-071/C
Page 2 of 40
1. Introduction
The Raptor I MA1060.A Sharkfin antenna is a next generation 4in1, vehicle roof
permanent mount solution. Fully IP67 waterproof, it has a distinctive high quality,
glossy and robust ABS+PC housing. A hardened polished finish is used according to
the strictest OEM automotive standards.
The Raptor I supports GNSS (GPS/GLONASS/GALILEO/BeiDou), Wi-Fi (2.4/5.8GHz),
LTE (4G/3G/2G) and a powered AM/FM radio. This sleek antenna is first tier
TS16949 automotive approved and is an ideal choice for:
• OEM automotive
• Trucks
• Other vehicles and heavy equipment
• General Telematics
The antenna comes with 30cm RG-316 coaxial pigtail cables as standard,
terminating in SMA(M) for GNSS, LTE and AM/FM and with RP SMA(M) for Wi-Fi.
The LTE antenna provides highest efficiency on all common worldwide LTE bands
and also works great if the system falls back to 3G and 2G as it also covers these
cellular bands.
The AM/FM antenna has an in-built amplifier to increase receive signal sensitivity.
The antenna works in conjunction with a 12v DC power source to ensure that
improved AM/FM radio signals are delivered to the audio system via an SMA(M)
connector.
The antennas inside can be completely customized according to requirements, to
work on other applications, such as ISM bands or DSRC. Where more than 4
antennas are needed, we recommend the Raptor II, which can combine 6 antennas
in one housing due to its dual-fin design.


Similar Part No. - MA1060ALBCT001

ManufacturerPart #DatasheetDescription
logo
Taoglas antenna solutio...
MA106.C.LB.001 TAOGLAS-MA106.C.LB.001 Datasheet
1Mb / 30P
   UV and vandal resistant PC housing
MA106.C.LB.001 TAOGLAS-MA106.C.LB.001 Datasheet
1Mb / 30P
   MA106 GPS/GLONASS/GALILEO and Cellular 2in1 Combination Hercules Screw-mount
MA106.C.LB.001 TAOGLAS-MA106.C.LB.001_18 Datasheet
1Mb / 30P
   MA106 GPS/GLONASS/GALILEO and Cellular 2in1 Combination Hercules Screw-mount
logo
Mitsubishi Electric Sem...
MA1065-1 MITSUBISHI-MA1065-1 Datasheet
43Kb / 1P
   For 1.9 GHz - High Power Amplifier
logo
Taoglas antenna solutio...
MA106CLB001 TAOGLAS-MA106CLB001 Datasheet
1Mb / 31P
   MA106 GPS/GLONASS/GALILEO and Cellular 2in1 Combination Hercules
More results

Similar Description - MA1060ALBCT001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
114-106077 ETC2-114-106077 Datasheet
280Kb / 2P
   Crimping Next Generation
logo
Infineon Technologies A...
PXF4222 INFINEON-PXF4222 Datasheet
155Kb / 2P
   Interworking Controller Next Generation
2003
logo
Hirose Electric
ZX360 HIROSE-ZX360 Datasheet
607Kb / 1P
   Next Generation I/F Connector Supporting Micro USB 3.0
logo
List of Unclassifed Man...
XCC123456P03A ETC2-XCC123456P03A Datasheet
1Mb / 13P
   next generation power source
logo
Infineon Technologies A...
TLE7368 INFINEON-TLE7368 Datasheet
965Kb / 39P
   Next Generation Micro Controller Supply
Rev. 1.1, November 2007
TLE7368 INFINEON-TLE7368_10 Datasheet
1Mb / 41P
   Next Generation Micro Controller Supply
Rev. 2.1, 2010-11-22
logo
WJ Communication. Inc.
WJM3000 WJCI-WJM3000 Datasheet
681Kb / 7P
   Next Generation RFID Reader Module
logo
TE Connectivity Ltd
C-1983780 TEC-C-1983780 Datasheet
169Kb / 1P
   NEXT GENERATION GI3.3 RECEPTACLE CONTACT
logo
Glenair, Inc.
180_118 GLENAIR-180_118 Datasheet
265Kb / 1P
   Next Generation MIL-PRF-64266
logo
Infineon Technologies A...
PEB3328 INFINEON-PEB3328 Datasheet
341Kb / 2P
   Enhanced Solutionsfor Next Generation Analog Telephony
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com